Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30120 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # ZL30120
Description  SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30120 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button ZL30120 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL30120 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30120 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30120 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30120 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30120 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30120 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30120 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30120 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ZL30120
Data Sheet
6
Zarlink Semiconductor Inc.
Pin Description
Pin #
Name
I/O
Type
Description
Input Reference
C1
B2
A3
C3
B3
B4
C4
A4
ref0
ref1
ref2
ref3
ref4
ref5
ref6
ref7
Id
Input References (LVCMOS, Schmitt Trigger). These are input references
available to both DPLL1 and DPLL2 for synchronizing output clocks. All eight
input references can be automatically or manually selected using software
registers. These pins are internally pulled down to Vss.
B1
A1
A2
sync0
sync1
sync2
Id
Frame Pulse Synchronization References (LVCMOS, Schmitt Trigger).
These are the frame pulse synchronization inputs associated with input
references 0, 1 and 2. These inputs accept frame pulses in a clock format (50%
duty cycle) or a basic frame pulse format with minimum pulse width of 5 ns.
These pins are internally pulled down to Vss.
Output Clocks and Frame Pulses
D10
apll_clk0
O
APLL Output Clock 0 (LVCMOS). This output can be configured to provide any
one of the available SONET/SDH clock outputs up to 77.76 MHz, or 25 MHz and
50 MHz. The default frequency for this output is 77.76 MHz.
G10
apll_clk1
O
APLL Output Clock 1 (LVCMOS). This output can be configured to provide any
one of the available SONET/APLL clock outputs up to 77.76 MHz, or 25 MHz and
50 MHz. The default frequency for this output is 19.44 MHz.
E10
apll_fp0
O
APLL Output Frame Pulse 0 (LVCMOS). This output can be configured to
provide virtually any style of output frame pulse synchronized with an associated
APLL output clock. The default frequency for this frame pulse output is 8 kHz.
F10
apll_fp1
O
APLL Output Frame Pulse 1 (LVCMOS). This output can be configured to
provide virtually any style of output frame pulse synchronized with an associated
APLL output clock. The default frequency for this frame pulse output is 2 kHz.
K9
p0_clk0
O
Programmable Synthesizer 0 - Output Clock 0 (LVCMOS). This output can be
configured to provide any frequency with a multiple of 8 kHz up to 100 MHz in
addition to 2 kHz. The default frequency for this output is 2.048 MHz.
K7
p0_clk1
O
Programmable Synthesizer 0 - Output Clock 1 (LVCMOS). This is a
programmable clock output configurable as a multiple or division of the p0_clk0
frequency within the range of 2 kHz to 100 MHz. The default frequency for this
output is 8.192 MHz.
K8
p0_fp0
O
Programmable Synthesizer 0 - Output Frame Pulse 0 (LVCMOS). This output
can be configured to provide virtually any style of output frame pulse associated
with the p0 clocks. The default frequency for this frame pulse output is 8 kHz.
J7
p0_fp1
O
Programmable Synthesizer 0 - Output Frame Pulse 1 (LVCMOS). This output
can be configured to provide virtually any style of output frame pulse associated
with the p0 clocks. The default frequency for this frame pulse output is 8 kHz.


Similar Part No. - ZL30120

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
ZL30121GGG ZARLINK-ZL30121GGG Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
ZL30121GGG2 ZARLINK-ZL30121GGG2 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30122GGG ZARLINK-ZL30122GGG Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
More results

Similar Description - ZL30120

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
   2.5G Multi-rate SONET/SDH Transceiver Family
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Zarlink Semiconductor I...
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com