Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30108 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL30108
Description  SONET/SDH Network Interface DPLL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30108 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL30108_06 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30108_06 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30108_06 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30108_06 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30108_06 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30108_06 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30108_06 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30108_06 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30108_06 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ZL30108
Data Sheet
7
Zarlink Semiconductor Inc.
21
C19o
Clock 19.44 MHz (Output). This CMOS output is used in SONET/SDH applications.
This clock output pad includes a Schmitt input which serves as a PLL feedback path;
proper transmission-line termination should be applied to maintain reflections below
Schmitt trigger levels.
22
AGND
Analog Ground. 0V
23
AVDD
Positive Analog Supply Voltage. +3.3 VDC nominal
24
F8ko
Frame Pulse (Output). This is an CMOS 8 kHz active high 31 ns framing pulse, which
marks the beginning of a 125
µs frame.
This clock output pad includes a Schmitt input which serves as a PLL feedback path;
proper transmission-line termination should be applied to maintain reflections below
Schmitt trigger levels.
25
AGND
Analog Ground. 0V
26
REF_SEL
Reference Select 0 (Input/Output). As an input REF_SEL selects the reference input
that is used for synchronization; See Table 4.
0: REF0
1: REF1
This pin is internally pulled down to GND.
27
REF0
Reference (Input). This is one of two (REF0 and REF1) input reference sources used for
synchronization. One of seven possible frequencies may be used: 2 kHz, 8 kHz,
1.544 MHz, 2.048 MHz, 8.192 MHz,16.384 MHz or 19.44 MHz. This pin is internally
pulled down to GND.
28
REF1
Reference (Input). See REF0 pin description.
29
OOR_SEL
Out Of Range Selection (Input). This input selects the frequency acceptance limits of
the reference monitor: See Table 2.
0: 40 - 52 ppm
1: 64 - 83 ppm
30
IC
Internal Connection. Connect this pin to GND.
31
VDD
Positive Supply Voltage. +3.3 VDC nominal.
32
TIE_CLR
TIE Circuit Reset (Input). A logic low at this input resets the Time Interval Error (TIE)
correction circuit resulting in a realignment of input phase with output phase.
33
IC
Internal Connection. Package E-pad, this pin is internally connected to device GND, it
can be left unconnected or it can be connected to GND.
Pin #
Name
Description


Similar Part No. - ZL30108_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30108LDA ZARLINK-ZL30108LDA Datasheet
531Kb / 28P
   Network Interface DPLL
More results

Similar Description - ZL30108_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30108 ZARLINK-ZL30108 Datasheet
531Kb / 28P
   Network Interface DPLL
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
ZL30407 ZARLINK-ZL30407_06 Datasheet
605Kb / 57P
   SONET/SDH Network Element PLL
ZL30402 ZARLINK-ZL30402_06 Datasheet
470Kb / 44P
   SONET/SDH Network Element PLL
ZL30402 ZARLINK-ZL30402 Datasheet
629Kb / 41P
   SONET/SDH Network Element PLL
ZL30131 ZARLINK-ZL30131 Datasheet
232Kb / 11P
   OC-192/STM-64 SONET/SDH/10GbE Network Interface Synchronizer
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Maxim Integrated Produc...
DS33M33DK MAXIM-DS33M33DK Datasheet
1Mb / 47P
   Includes Optical SFP Module for SONET/SDH Interface
Rev: 102108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com