Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C3T256I6ES Datasheet(PDF) 6 Page - Altera Corporation

Part # EP1C3T256I6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3T256I6ES Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP1C3T256I6ES Datasheet HTML 2Page - Altera Corporation EP1C3T256I6ES Datasheet HTML 3Page - Altera Corporation EP1C3T256I6ES Datasheet HTML 4Page - Altera Corporation EP1C3T256I6ES Datasheet HTML 5Page - Altera Corporation EP1C3T256I6ES Datasheet HTML 6Page - Altera Corporation EP1C3T256I6ES Datasheet HTML 7Page - Altera Corporation EP1C3T256I6ES Datasheet HTML 8Page - Altera Corporation EP1C3T256I6ES Datasheet HTML 9Page - Altera Corporation EP1C3T256I6ES Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
1–4
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Document
Revision History
Table 1–4 shows the revision history for this document.
Table 1–3. Cyclone QFP & FineLine BGA Package Sizes
Dimension
100-Pin
TQFP
144-Pin
TQFP
240-Pin
PQFP
256-Pin
FineLine
BGA
324-Pin
FineLine
BGA
400-Pin
FineLine
BGA
Pitch (mm)
0.5
0.5
0.5
1.0
1.0
1.0
Area (mm2)
256
484
1,024
289
361
441
Length
× width
(mm
× mm)
16
× 16
22
× 22
34.6
× 34.6
17
× 17
19
× 19
21
× 21
Table 1–4. Document Revision History
Date &
Document
Version
Changes Made
Summary of Changes
January 2007
v1.4
Added document revision history.
August 2005
v1.3
Minor updates.
October 2003
v1.2
Added 64-bit PCI support information.
September
2003 v1.1
Updated LVDS data rates to 640 Mbps from 311 Mbps.
Updated RSDS feature information.
May 2003 v1.0
Added document to Cyclone Device Handbook.


Similar Part No. - EP1C3T256I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3T256I6 ALTERA-EP1C3T256I6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C3T256I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com