Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF8700 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FDMF8700
Description  Driver plus FET Multi-chip Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF8700 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FDMF8700 Datasheet HTML 5Page - Fairchild Semiconductor FDMF8700 Datasheet HTML 6Page - Fairchild Semiconductor FDMF8700 Datasheet HTML 7Page - Fairchild Semiconductor FDMF8700 Datasheet HTML 8Page - Fairchild Semiconductor FDMF8700 Datasheet HTML 9Page - Fairchild Semiconductor FDMF8700 Datasheet HTML 10Page - Fairchild Semiconductor FDMF8700 Datasheet HTML 11Page - Fairchild Semiconductor FDMF8700 Datasheet HTML 12Page - Fairchild Semiconductor FDMF8700 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.fairchildsemi.com
FDMF8700 Rev. C3
Typical Application
Application Information
Supply Capacitor Selection
For the supply input (VCIN) of the FDMF8700, a local ceramic
bypass capacitor is recommended to reduce the noise and to
supply the peak current. Use at least a 1µF, X7R or X5R capac-
itor. Keep this capacitor close to the FDMF8700 VCIN and
CGND pins.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor (CBOOT)
and the internal diode, as shown in Figure 26. Selection of
these components should be done after the high-side MOSFET
has been chosen. The required capacitance is determined
using the following equation:
where QG is the total gate charge of the high-side MOSFET,
and
∆VBOOT is the voltage droop allowed on the high-side
MOSFET drive. For example, the QG of the internal high-side
MOSFET is about 21nC @ 12VGS. For an allowed droop of
~300mV, the required bootstrap capacitance is > 100nF. A good
quality ceramic capacitor must be used.
The average diode forward current, IF(AVG), can be estimated
by:
where fSW is the switching frequency of the controller. The peak
surge current rating of the internal diode should be checked
in-circuit, since this is dependent on the equivalent impedance
of the entire bootstrap circuit, including the PCB traces. For
applications requiring higher IF, an external diode may be used
in parallel to the internal diode.
QG
CBOOT >=
(1)
∆VBOOT
IF(AVG) = QG x fSW
(2)
PWM
CGND
PGND
VCIN
VIN
BOOT
VSWH
VCIN 12V
Signal
LDRV
HDRV
FDMF8700
DISB
VIN 12V
PWM
CGND
PGND
VCIN
VIN
BOOT
VSWH
LDRV
HDRV
FDMF8700
DISB
PWM
CGND
PGND
VCIN
VIN
BOOT
VSWH
LDRV
HDRV
FDMF8700
DISB
PWM
CGND
PGND
VCIN
VIN
BOOT
VSWH
LDRV
HDRV
FDMF8700
DISB
PWM3
EN
PWM1
PWM2
LDRV
PWM
Controller
VCC
PWM4
GND
Power
GND
VOUT
Figure 26. Typical Application


Similar Part No. - FDMF8700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF8704 FAIRCHILD-FDMF8704 Datasheet
423Kb / 11P
   High Current / High Frequency FET plus Driver Multi-chip Module
FDMF8704V FAIRCHILD-FDMF8704V Datasheet
434Kb / 11P
   High Efficiency / High Frequency FET plus Driver Multi-chip Module with Internal Voltage Regulator
FDMF8705 FAIRCHILD-FDMF8705 Datasheet
738Kb / 13P
   Driver plus FET Multi-chip Module
More results

Similar Description - FDMF8700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6730 FAIRCHILD-FDMF6730 Datasheet
282Kb / 10P
   Driver plus FET Multi-chip Module
FDMF6700 FAIRCHILD-FDMF6700 Datasheet
769Kb / 13P
   Driver plus FET Multi-chip Module
FDMF8705 FAIRCHILD-FDMF8705 Datasheet
738Kb / 13P
   Driver plus FET Multi-chip Module
FDMF8704 FAIRCHILD-FDMF8704 Datasheet
423Kb / 11P
   High Current / High Frequency FET plus Driver Multi-chip Module
FDMF8704V FAIRCHILD-FDMF8704V Datasheet
434Kb / 11P
   High Efficiency / High Frequency FET plus Driver Multi-chip Module with Internal Voltage Regulator
logo
Intersil Corporation
ISL24003 INTERSIL-ISL24003 Datasheet
535Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Renesas Technology Corp
ISL24003 RENESAS-ISL24003 Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
TDK Electronics
MPU-9250 TDK-MPU-9250 Datasheet
945Kb / 42P
   Multi-chip module
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com