Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8802-1 Datasheet(PDF) 8 Page - California Eastern Labs

Part # 8802-1
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

8802-1 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button 8802-1 Datasheet HTML 4Page - California Eastern Labs 8802-1 Datasheet HTML 5Page - California Eastern Labs 8802-1 Datasheet HTML 6Page - California Eastern Labs 8802-1 Datasheet HTML 7Page - California Eastern Labs 8802-1 Datasheet HTML 8Page - California Eastern Labs 8802-1 Datasheet HTML 9Page - California Eastern Labs 8802-1 Datasheet HTML 10Page - California Eastern Labs 8802-1 Datasheet HTML 11Page - California Eastern Labs 8802-1 Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
10
4
0
8
6
2
4
8
18
20
16
2
6
10
12
14
20 mA
15 mA
10 mA
IF = 5 mA
25 mA
Output Voltage VO (V)
OUTPUT CURRENT vs.
OUTPUT VOLTAGE
5
4
2
0
3
1
–50
0
50
100
–25
75
25
Ambient Temperature TA (˚C)
NORMALIZED PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25˚C,
IF = 16 mA, VCC = 5 V,
RL = 2.2 k
tPLH
tPHL
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
3.0
0
1.0
2.0
10
15
25
5
20
tPHL
tPLH
VCC = 5 V,
RL = 2.2 k
Ω ,
CTR : 25%
Load Resistance RL (
Ω)
PROPAGATION DELAY TIME vs.
LOAD RESISTANCE
VCC = 5 V,
IF = 16 mA,
CTR : 25%
tPLH
tPHL
10
1
0.1
10 k
100 k
1 k
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
6
5
4
2
0
3
1
12
16
20
48
26
10
14
18
RL = 2.2 k
5.6 k
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10418EJ04V0DS
8
PS8802-1,-2


Similar Part No. - 8802-1

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8802 BURKERT-8802 Datasheet
1Mb / 20P
   Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
8802 BURKERT-8802 Datasheet
702Kb / 9P
   Ultrasonic level measuring device
16.09.2021
8802 BURKERT-8802 Datasheet
1Mb / 39P
   Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
12.01.2024
8802 BURKERT-8802 Datasheet
1Mb / 17P
   Level measurement device with guided radar
18.10.2023
8802 BURKERT-8802 Datasheet
825Kb / 14P
   Inline flowmeter for continuous measurements
15.12.2023
More results

Similar Description - 8802-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com