Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK110-50GL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK110-50GL
Description  PowerMOS transistor Logic level TOPFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK110-50GL Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK110-50GL Datasheet HTML 1Page - NXP Semiconductors BUK110-50GL Datasheet HTML 2Page - NXP Semiconductors BUK110-50GL Datasheet HTML 3Page - NXP Semiconductors BUK110-50GL Datasheet HTML 4Page - NXP Semiconductors BUK110-50GL Datasheet HTML 5Page - NXP Semiconductors BUK110-50GL Datasheet HTML 6Page - NXP Semiconductors BUK110-50GL Datasheet HTML 7Page - NXP Semiconductors BUK110-50GL Datasheet HTML 8Page - NXP Semiconductors BUK110-50GL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK110-50GL
Logic level TOPFET
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermal resistance
R
th j-mb
Junction to mounting base
-
-
0.8
1.0
K/W
R
th j-a
Junction to ambient
minimum footprint FR4 PCB
-
50
-
K/W
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(CL)DSS
Drain-source clamping voltage
V
IS = 0 V; ID = 10 mA
50
-
-
V
V
(CL)DSS
Drain-source clamping voltage
V
IS = 0 V; IDM = 4 A; tp ≤ 300 µs;
-
-
70
V
δ ≤ 0.01
I
DSS
Zero input voltage drain current V
DS = 12 V; VIS = 0 V
-
0.5
10
µA
I
DSS
Zero input voltage drain current V
DS = 50 V; VIS = 0 V
-
1
20
µA
I
DSS
Zero input voltage drain current V
DS = 40 V; VIS = 0 V; Tj = 125 ˚C
-
10
100
µA
R
DS(ON)
Drain-source on-state
I
DM = 25 A; VIS = 5 V
-
30
35
m
resistance
t
p ≤ 300 µs; δ ≤ 0.01
OVERLOAD PROTECTION CHARACTERISTICS
TOPFET switches off when one of the overload thresholds is reached. It remains latched off until reset by the input.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Short circuit load protection
1
T
mb = 25 ˚C; L ≤ 10 µH
E
DS(TO)
Overload threshold energy
V
DD = 13 V; VIS = 5 V
-
1.1
-
J
t
d sc
Response time
V
DD = 13 V; VIS = 5 V
-
0.8
-
ms
Over temperature protection
T
j(TO)
Threshold junction temperature V
IS = 5 V; from ID ≥ 2 A
2
150
-
-
˚C
INPUT CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified.
The supply for the logic and overload protection is taken from the input.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
IS(TO)
Input threshold voltage
V
DS = 5 V; ID = 1 mA
1.0
1.5
2.0
V
I
IS
Input supply current
V
IS = 5 V; normal operation
-
0.2
0.35
mA
V
ISR
Protection reset voltage
3
2.0
2.6
3.5
V
V
ISR
Protection reset voltage
T
j = 150 ˚C
1.0
-
-
I
ISL
Input supply current
V
IS = 5 V; protection latched
2
3.8
10
mA
V
(BR)IS
Input clamp voltage
I
I = 10 mA
6
-
-
V
R
IG
Input series resistance
to gate of power MOSFET
-
1.5
-
k
1 The short circuit load protection is able to save the device providing the instantaneous on-state dissipation is less than the limiting value for
P
DSM, which is always the case when VDS is less than VDSP maximum.
Refer to OVERLOAD PROTECTION LIMITING VALUES.
2 The over temperature protection feature requires a minimum on-state drain source voltage for correct operation. The specified minimum I
D
ensures this condition.
3 The input voltage below which the overload protection circuits will be reset.
June 1996
3
Rev 1.000


Similar Part No. - BUK110-50GL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK110-50GS PHILIPS-BUK110-50GS Datasheet
117Kb / 11P
   PowerMOS transistor TOPFET
June 1996 Rev 1.000
More results

Similar Description - BUK110-50GL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com