Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST890 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST890
Description  1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST890 Datasheet(HTML) 1 Page - STMicroelectronics

  ST890 Datasheet HTML 1Page - STMicroelectronics ST890 Datasheet HTML 2Page - STMicroelectronics ST890 Datasheet HTML 3Page - STMicroelectronics ST890 Datasheet HTML 4Page - STMicroelectronics ST890 Datasheet HTML 5Page - STMicroelectronics ST890 Datasheet HTML 6Page - STMicroelectronics ST890 Datasheet HTML 7Page - STMicroelectronics ST890 Datasheet HTML 8Page - STMicroelectronics ST890 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2005
I
2.7V TO 5.5V INPUT RANGE
I
PROGRAMMABLE CURRENT LIMIT UP TO
1.2A
I
LOW QUIESCENT CURRENT
I
THERMAL SHUTDOWN
I
FAULT INDICATOR OUTPUT
I
90m
Ω (TYP.) ON RESISTANCE
I
SO-8 PACKAGE
DESCRIPTION
The ST890 is a low voltage, P-Channel MOSFET
power switch intended for high side load switching
applications.
This switch operates with inputs from 2.7V to
5.5V, making it ideal for both 3V and 5V systems.
Internal current limiting circuitry protects the input
supply
against
overload.
Thermal
overload
protection limits power dissipation and junction
temperatures.
The ST890’s maximum current limits is 1.2A. The
current limit through the switch is programed with
a resistor from SET to ground. The ST890 is
available in SO-8 package. Main applications are:
PCMCIA
slots,
Access
bus
slots,
Portable
equipment.
Table 1: Order Codes
Type
Temperature
Range
Package
Comments
ST890CD
0 to 70 °C
SO-8 (Tube)
50parts per tube / 40tube per box
ST890CDR
0 to 70 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST890BD
-40 to 85 °C
SO-8 (Tube)
50parts per tube / 40tube per box
ST890BDR
-40 to 85 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST890
1.2A CURRENT LIMITED HIGH SIDE WITH
THERMAL SHUTDOWN
Figure 1: Schematic Diagram
SO-8
Rev. 4


Similar Part No. - ST890

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890 STMICROELECTRONICS-ST890 Datasheet
563Kb / 20P
   1.2 A current limited high side power switch with thermal shutdown
ST890B STMICROELECTRONICS-ST890B Datasheet
440Kb / 17P
   1.2 A current limited high side power switch with thermal shutdown
ST890BD STMICROELECTRONICS-ST890BD Datasheet
148Kb / 7P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890BDR STMICROELECTRONICS-ST890BDR Datasheet
148Kb / 7P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
More results

Similar Description - ST890

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
logo
Maxim Integrated Produc...
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
   Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
logo
STMicroelectronics
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
   1.2 A current limited high side power switch with thermal shutdown
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
   1.2 A current limited high side power switch with thermal shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com