Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHP3450IMTC14X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FHP3450IMTC14X
Description  Triple and Quad Voltage Feedback Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3450IMTC14X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FHP3450IMTC14X Datasheet HTML 1Page - Fairchild Semiconductor FHP3450IMTC14X Datasheet HTML 2Page - Fairchild Semiconductor FHP3450IMTC14X Datasheet HTML 3Page - Fairchild Semiconductor FHP3450IMTC14X Datasheet HTML 4Page - Fairchild Semiconductor FHP3450IMTC14X Datasheet HTML 5Page - Fairchild Semiconductor FHP3450IMTC14X Datasheet HTML 6Page - Fairchild Semiconductor FHP3450IMTC14X Datasheet HTML 7Page - Fairchild Semiconductor FHP3450IMTC14X Datasheet HTML 8Page - Fairchild Semiconductor FHP3450IMTC14X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FHP3350, FHP3450 Rev. 1.0.3
www.fairchildsemi.com
December 2006
Typical Application – Driving Dual Video Loads
OrderingInformation
PartNumber
Package
LeadFree
OperatingTemp
Range
Packaging
Method
FHP3350IMTC14X
TSSOP-14
Yes
-40°C to +85°C
Reel
FHP3350IM14X
SOIC-14
Yes
-40°C to +85°C
Reel
FHP3450IMTC14X
TSSOP-14
Yes
-40°C to +85°C
Reel
FHP3450IM14X
SOIC-14
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
+IN
OUT
+Vs
-Vs
Rg
Rf
75Ω
75Ω
Cabl
75Ω
Cable
75Ω
75Ω
OUT
75Ω
Cable
75Ω
75Ω
e
FHP3350,FHP3450
Triple and Quad Voltage Feedback Amplifiers
Features
0.1dB gain flatness to 30MHz
0.07%/0.03° differential gain/phase error
210MHz full power -3dB bandwidth at G = 2
1,100V/μs slew rate
±55mA output current (drives dual video load)
±83mA output short
-circuit current
Output swings to within 1.3V of either rail
3.6mA supply current per amplifier
Minimum stable gain of 3dB or 1.5V/V
FHP3350 - improved replacement for RC6333
FHP3450 - improved replacement for RC6334
Fully specified at +5V, and ±5V supplies
Applications
Video driver
RGB driver
ADC buffer
S-video amp
Active filters
Description
The FHP3350 and FHP3450 are low-cost, high-performance,
voltage
-feedback amplifiers designed for video applications.
These triple and quad amplifiers consume only 3.6mA of supply
current per channel and are capable of driving dual (75
Ω)
video loads while providing 0.1dB of gain flatness to 30MHz.
Consumer video applications also benefit from the low 0.07%
differential gain and 0.03° differential phase errors. The FHP3350
offers three outputs that can be put into a high-impedance
disable state to allow for video multiplexing or minimize power
consumption.
These amplifiers are designed to operate from 5V (±2.5V) to 12V
(±6V) supplies. The outputs swing to within 1.3V of either supply
rail to accommodate video signals on a single 5V supply.
The FHP3350 and FHP3450 are designed on a complementary
bipolar process. They provide 210MHz of full-power bandwidth
and 1,100V/μs of slew rate at a supply voltage of ±5V. The
combination of high performance, low power, and excellent video
performance make these amplifiers well suited for use in many
digital consumer video appliances as well as many general-
purpose, high-speed applications.


Similar Part No. - FHP3450IMTC14X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3450IMTC14X FAIRCHILD-FHP3450IMTC14X Datasheet
754Kb / 19P
   Triple and Quad Voltage Feedback Amplifiers
More results

Similar Description - FHP3450IMTC14X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3350 FAIRCHILD-FHP3350 Datasheet
754Kb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Exar Corporation
CLC2601 EXAR-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2601 CADEKA-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com