Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHP3194IM14X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FHP3194IM14X
Description  4:1 High-Speed Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3194IM14X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FHP3194IM14X Datasheet HTML 6Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 7Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 8Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 9Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 10Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 11Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 12Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 13Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
10
www.fairchildsemi.com
FHP3194 Rev. 1.0.1
Typical Performance Characteristics
TA = 25°C, Vs = ±5V, Rf = 475Ω, RL =150Ω, and G = 2 unless otherwise noted.
Figure 5. Enable Switching Time
Figure . Enable Switching Glitch
0
100
200
300
400
500
600
700
Time (ns)
16
-2
1.6
-0.2
0
2
4
6
8
10
12
14
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0 100 200 300 400 500 600 700 800 900
Time (ns)
1000
-3
-2
-1
0
1
2
3
4
5
6
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
Output
EN Input
Output
EN Input
0.001
0.01
0.1
1
10
100
Frequency (MHz)
100
0
10k
100k
1M
100M
10M
Frequency (Hz)
1G
10-2
104
103
102
101
100
10-1
90
80
70
60
50
40
30
20
10
Disabled
Enabled
1
10
100
Frequency (MHz)
-40
-90
1
10
100
Frequency (MHz)
1000
-90
-20
-30
-40
-50
-60
-70
-80
-45
-50
-55
-60
-65
-70
-75
-80
-85
Selected input to output
EN
SD
Unselected input to output
Worst condition shown
Figure . Off Isolation vs. Frequency
Figure 8. Crosstalk vs. Frequency
Figure 9. Input Voltage Noise
Figure 30. Closed-Loop Output Impedance


Similar Part No. - FHP3194IM14X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194IM14X FAIRCHILD-FHP3194IM14X Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
More results

Similar Description - FHP3194IM14X

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com