Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR284 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR284
Description  28-Bit Channel Link-66 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR284 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CR284 Datasheet HTML 1Page - National Semiconductor (TI) DS90CR284 Datasheet HTML 2Page - National Semiconductor (TI) DS90CR284 Datasheet HTML 3Page - National Semiconductor (TI) DS90CR284 Datasheet HTML 4Page - National Semiconductor (TI) DS90CR284 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR284 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR284 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR284 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR284 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER SUPPLY CURRENT
I
CCRW
Receiver Supply Current,
Worst Case
C
L = 8 pF,
f = 32.5 MHz
64
77
mA
Worst Case Pattern
f = 37.5 MHz
70
85
mA
(
Figures 1, 3)
f = 66 MHz
110
140
mA
I
CCRZ
Receiver Supply Current,
Power Down = Low
Power Down
Receiver Outputs in Previous State
during Power Down Mode
1
10
µA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 5.0V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise
specified (except VOD and ∆V OD).
Note 4: ESD Rating: HBM (1.5 k
Ω, 100 pF)
PLL VCC ≥ 1000V
All other pins
≥ 2000V
EIAJ (0
Ω, 200 pF) ≥ 150V
Note 5: VOS previously referred as VCM.
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (
Figure 2)
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time (
Figure 2)
0.75
1.5
ns
TCIT
TxCLK IN Transition Time (
Figure 4)8
ns
TCCS
TxOUT Channel-to-Channel Skew (Note 6) (
Figure 5)
350
ps
TPPos0
Transmitter Output Pulse Position for Bit 0
f = 66 MHz
−0.30
0
0.30
ns
(
Figure 16)
TPPos1
Transmitter Output Pulse Position for Bit 1
1.70
(1/7)T
clk
2.50
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
3.60
(2/7)T
clk
4.50
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
5.90
(3/7)T
clk
6.75
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
8.30
(4/7)T
clk
9.00
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
10.40
(5/7)T
clk
11.10
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
12.70
(6/7)T
clk
13.40
TCIP
TxCLK IN Period (
Figure 6)
15
T
50
ns
TCIH
TxCLK IN High Time (
Figure 6)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time (
Figure 6)
0.35T
0.5T
0.65T
ns
TSTC
TxIN Setup to TxCLK IN (
Figure 6)
5
3.5
ns
THTC
TxIN Hold to TxCLK IN (
Figure 6)
2.5
1.5
ns
TCCD
TxCLK IN to TxCLK OUT Delay @ 25˚C,
3.5
8.5
ns
V
CC = 5.0V (Figure 8)
TPLLS
Transmitter Phase Lock Loop Set (
Figure 10)10
ms
TPDD
Transmitter Power Down Delay (
Figure 14)
100
ns
Note 6: This limit based on bench characterization.
www.national.com
4


Similar Part No. - DS90CR284

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR284MTD NSC-DS90CR284MTD Datasheet
277Kb / 14P
   28-Bit Channel Link-66 MHz
More results

Similar Description - DS90CR284

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR283 NSC-DS90CR283 Datasheet
277Kb / 14P
   28-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR213 TI-DS90CR213_05 Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
logo
National Semiconductor ...
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR286AT-Q1 TI1-DS90CR286AT-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link 66 MHz
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR285MTDX TI1-DS90CR285MTDX Datasheet
1Mb / 25P
[Old version datasheet]   DS90CR285/DS90CR286 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
DS90CR281 TI1-DS90CR281 Datasheet
319Kb / 15P
[Old version datasheet]   28-Bit Channel Link
logo
National Semiconductor ...
DS90CR281 NSC-DS90CR281 Datasheet
277Kb / 14P
   28-Bit Channel Link
DS90CR288A NSC-DS90CR288A Datasheet
224Kb / 20P
   28-Bit Channel Link-85MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com