Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST12LP14A Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST12LP14A
Description  2.4 GHz High-Power, High-Gain Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14A Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST12LP14A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST12LP14A Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Preliminary Specifications
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A
11
©2005 SST Communications Corp.
S71300-02-000
3/06
FIGURE 12: Detector Characteristics Over Temperature and Over Frequency with 2:1 Output VSWR
All Phases
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
0
2
4
6
8
10
12
14161820
2224
Output Power (dBm)
Freq = 2.442 GHz (0 C)
Freq = 2.412 GHz (25 C)
Freq = 2.484 GHz (85 C)
Freq = 2.412 GHz (Min)
Freq = 2.412 GHz (Max)
Freq = 2.442 GHz (Min)
Freq = 2.442 GHz (Max)
Freq = 2.484 GHz (Min)
Freq = 2.484 GHz (Max)
Freq = 2.442 GHz (85 C)
Freq = 2.412 GHz (85 C)
Freq = 2.484 GHz (25 C)
Freq = 2.442 GHz (25 C)
Freq = 2.412 GHz (0 C)
Freq = 2.484 GHz (0 C)


Similar Part No. - SST12LP14A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
SST12LP14-QVC SST-SST12LP14-QVC Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
SST12LP14-QVC-K SST-SST12LP14-QVC-K Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
SST12LP14-QVCE SST-SST12LP14-QVCE Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
SST12LP14-QVCE-K SST-SST12LP14-QVCE-K Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
More results

Similar Description - SST12LP14A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
   2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com