Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5865 Datasheet(PDF) 3 Page - Rohm

Part # 2SC5865
Description  Transistors High voltage discharge, High speed switching, Low Noise (60V, 1A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5865 Datasheet(HTML) 3 Page - Rohm

  2SC5865 Datasheet HTML 1Page - Rohm 2SC5865 Datasheet HTML 2Page - Rohm 2SC5865 Datasheet HTML 3Page - Rohm 2SC5865 Datasheet HTML 4Page - Rohm 2SC5865 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5865
Transistors
3/4
Electrical characteristics curves
5
1234
0
0
40
80
120
160
200
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Typical output characteristics
IB=500
µA
0
µA
50
µA
100
µA
150
µA
200
µA
250
µA
300
µA
350
µA
400
µA
450
µA
Fig.2 Safe operating area
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Single non repetitive pulse
DC
500
µs
100
µs
500ms
1ms
10ms
10
1
0.1
0.01
0.001
100ms
10
0.1
1
100
1
0.01
0.1
10
1000
100
10
Fig.3 Switching Time
COLLECTOR CURRENT : IC (A)
Ta
=25°C
VCC
=25V
IC/IB=10/1
Tstg
Tf
Ton
Fig.4 DC current gain
vs. collector current (
Ι )
COLLECTOR CURRENT : IC (A)
0.001
0.01
0.1
10
1
1
10
100
1000
Ta
=125°C
Ta
=25°C
Ta
=−40°C
VCE
=2V
0.001
0.01
0.1
10
1
1
10
100
1000
VCE
=5V
VCE
=3V
VCE
=2V
COLLECTOR CURRENT : IC (A)
Fig.5 DC current gain
vs. collector current (
ΙΙ )
Ta
=25°C
0.001
0.01
0.1
0.01
0.1
10
1
COLLECTOR CURRENT : IC
(A)
10
1
Fig.6 Collector-emitter saturation voltage
vs. collector current (
Ι )
IC/IB
=10/1
Ta
=125°C
Ta
=25°C
Ta
=−40°C
0.001
0.1
0.01
10
1
0.01
0.1
1
10
COLLECTOR CURRENT : IC
(A)
Fig.7 Collector-emitter saturation voltage
vs. collector current (
ΙΙ )
IC/IB
=20/1
IC/IB
=10/1
IC/IB
=100/1
Ta
=25°C
COLLECTOR CURRENT : IC (A)
Fig.8 Base-emitter saturation voltage
vs. collector current
0.001
0.01
0.1
10
1
1
0.1
10
Ta
=125°C
IC/IB
=10/1
Ta
=25°C
Ta
= −40°C
0.001
0.01
0.1
10
1
1
10
100
1000
Ta
=25°C
VCE=10V
EMITTER CURRENT : IE (A)
Fig.9 Transition frequency


Similar Part No. - 2SC5865

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5865 ROHM-2SC5865 Datasheet
937Kb / 4P
   High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865TLR ROHM-2SC5865TLR Datasheet
308Kb / 4P
   High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865 ROHM-2SC5865_11 Datasheet
937Kb / 4P
   High voltage discharge, High speed switching, Low Noise (60V, 1A)
More results

Similar Description - 2SC5865

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5865 ROHM-2SC5865_11 Datasheet
937Kb / 4P
   High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SC5865TLR ROHM-2SC5865TLR Datasheet
308Kb / 4P
   High voltage discharge, High speed switching, Low Noise (60V, 1A)
2SA2073 ROHM-2SA2073_11 Datasheet
185Kb / 4P
   High voltage discharge, High speed switching,Low Noise (-60V, -3A)
2SA2072 ROHM-2SA2072_09 Datasheet
135Kb / 4P
   High voltage discharge, High speed switching, Low Noise (-60V, −3A)
2SA2073 ROHM-2SA2073 Datasheet
70Kb / 5P
   High voltage discharge, High speed switching, Low Noise (−60V, −3A)
2SA2072 ROHM-2SA2072 Datasheet
71Kb / 5P
   High voltage discharge, High speed switching, Low Noise (−60V, −3A)
2SA2092 ROHM-2SA2092_11 Datasheet
309Kb / 4P
   -1A /-60V Bipolar transistor Low switching noise.
logo
Shindengen Electric Mfg...
2SC3168 SHINDENGEN-2SC3168 Datasheet
190Kb / 1P
   High Voltage Ultra High Speed Switching Transistors
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
   Low Voltage High Speed Switching
1SS384 TOSHIBA-1SS384_07 Datasheet
200Kb / 3P
   Low Voltage High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com