Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVC07A Datasheet(PDF) 3 Page - Texas Instruments

Part # LVC07A
Description  HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC07A Datasheet(HTML) 3 Page - Texas Instruments

  LVC07A Datasheet HTML 1Page - Texas Instruments LVC07A Datasheet HTML 2Page - Texas Instruments LVC07A Datasheet HTML 3Page - Texas Instruments LVC07A Datasheet HTML 4Page - Texas Instruments LVC07A Datasheet HTML 5Page - Texas Instruments LVC07A Datasheet HTML 6Page - Texas Instruments LVC07A Datasheet HTML 7Page - Texas Instruments LVC07A Datasheet HTML 8Page - Texas Instruments LVC07A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN54LVC07A, SN74LVC07A
HEX BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS595O – OCTOBER 1997 – REVISED JULY 2005
SN54LVC07A(2)
SN74LVC07A
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
1.65
5.5
1.65
5.5
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
0.65
× V
CC
VCC = 2.3 V to 2.7 V
1.7
1.7
VIH
High-level input voltage
V
VCC = 2.7 V to 3.6 V
2
2
VCC = 4.5 V to 5.5 V
0.7
× V
CC
0.7
× V
CC
VCC = 1.65 V to 1.95 V
0.35
× V
CC
0.35
× V
CC
VCC = 2.3 V to 2.7 V
0.7
0.7
VIL
Low-level input voltage
V
VCC = 2.7 V to 3.6 V
0.8
0.8
VCC = 4.5 V to 5.5 V
0.3
× V
CC
0.3
× V
CC
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
5.5
0
5.5
V
VCC = 1.65 V
4
4
VCC = 2.3 V
12
12
IOL
Low-level output current
VCC = 2.7 V
12
12
mA
VCC = 3 V
24
24
VCC = 4.5 V
24
24
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Product preview
over recommended operating free-air temperature range (unless otherwise noted)
SN54LVC07A(1)
SN74LVC07A
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN TYP(2)
MAX
MIN TYP(2)
MAX
IOL = 100 µA
1.65 V to 5.5 V
0.2
0.2
IOL = 4 mA
1.65 V
0.45
0.45
2.3 V
0.7
0.7
VOL
IOL = 12 mA
V
2.7 V
0.4
0.4
3 V
0.55
0.55
IOL = 24 mA
4.5 V
II
VI = 5.5 V or GND
3.6 V
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
10
µA
One input at VCC – 0.6 V,
∆I
CC
2.7 V to 3.6 V
500
500
µA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
5
5
pF
(1)
Product preview
(2)
All typical values are at VCC = 3.3 V, TA = 25°C.
3


Similar Part No. - LVC07A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LVC07A TI-LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - LVC07A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV07A HITACHI-HD74LV07A Datasheet
45Kb / 11P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV07A TI1-SN74LV07A Datasheet
973Kb / 22P
[Old version datasheet]   Hex Buffers/Drivers With Open-Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com