Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAS9012A2 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS9012A2
Description  Stepper Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9012A2 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS9012A2 Datasheet HTML 4Page - Micro Analog systems MAS9012A2 Datasheet HTML 5Page - Micro Analog systems MAS9012A2 Datasheet HTML 6Page - Micro Analog systems MAS9012A2 Datasheet HTML 7Page - Micro Analog systems MAS9012A2 Datasheet HTML 8Page - Micro Analog systems MAS9012A2 Datasheet HTML 9Page - Micro Analog systems MAS9012A2 Datasheet HTML 10Page - Micro Analog systems MAS9012A2 Datasheet HTML 11Page - Micro Analog systems MAS9012A2 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DA9012.001
25 August 2004
9 (12)
PACKAGE (TSSOP16) OUTLINES
Dimension
Min
Max
Unit
A
6.40 BSC
mm
B
4.30
4.50
mm
C
5.00 BSC
mm
D
0.05
0.15
mm
E
1.10
mm
F
0.19
0.30
mm
G
0.65 BSC
mm
H
0.18
0.28
mm
I
0.09
0.20
mm
I1
0.09
0.16
mm
J
0.19
0.30
mm
J1
0.19
0.25
mm
K
0
°
8
°
L
0.24
0.26
mm
M
(The length of a terminal for
soldering to a substrate)
0.50
0.75
mm
N
1.00 REF
mm
O
12
°
P
12
°
Dimensions do not include mold flash, protrusions, or gate burrs.
All dimensions are in accordance with JEDEC standard MO-153.
B
A
C
Pin 1
D
Seating Plane
E
H
G
F
B
B
Detail A
L
K
M
N
P
O
Detail A
II1
J
J1
Section B-B


Similar Part No. - MAS9012A2

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
   Solar Cell System Manager
More results

Similar Description - MAS9012A2

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD1121FE SHINDENGEN-MTD1121FE Datasheet
84Kb / 5P
   Stepper Motor Driver IC
logo
Micro Analog systems
MAS6013 MAS-MAS6013 Datasheet
59Kb / 6P
   Stepper Motor Driver IC
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
logo
Texas Instruments
DRV8805 TI-DRV8805_15 Datasheet
970Kb / 21P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
logo
Asahi Kasei Microsystem...
AP1025 AKM-AP1025 Datasheet
910Kb / 21P
   45V Single Stepper Motor Driver IC
AP1025BEN AKM-AP1025BEN Datasheet
910Kb / 21P
   45V Single Stepper Motor Driver IC
logo
Infineon Technologies A...
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
   2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com