Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF816M-GNCAVXX Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MF816M-GNCAVXX
Description  8/16-bit Data Bus Flash Memory Card
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF816M-GNCAVXX Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MF816M-GNCAVXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF816M-GNCAVXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF816M-GNCAVXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF816M-GNCAVXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF816M-GNCAVXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF816M-GNCAVXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF816M-GNCAVXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF816M-GNCAVXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF816M-GNCAVXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MITSUBISHI MEMORY CARD
FLASH MEMORY CARDS
MITSUBISHI
ELECTRIC
6/22
Feb.1999 Rev2.0
Erase Suspend/Erase Resume
The erase suspend command B0h (B0B0h for 16
bit operation) is a command to generate erase
interruption and to read data from another block
of selected memory zone. By writing in the
control register erase resume command D0h
(D0D0h for 16 bit operation), the memory block will
continue the erase operation.
These commands must be executed in erase
algorithm.
(For details please refer to the algorithm)
Read Status Register
The Read status register is a command to read the
status register ’ s data and to make sure programme
or erase operations complete successfully. The data
of status register can be read after writing 70h
(7070h for 16 bit operation) in the control register.
The register ’ s read data is latched on the falling
edge of OE#. At programme or erase, the status
register ’ s data must be read to verify the results.
Clear Status Register
The clear status register command will clear data of
status register. It is applied when 50h (5050h for 16
bit operation) is written to the control
register. If an error occurred during programme or
erase, the status register must be cleared before
retrying programme or erase.
Read Device Identifier Codes
The read device identifier codes command is
implemented by writing 90h (9090h for 16 bit
operation) to the command register. After writing
the command, manufacturer code can be read at the
address of 000000h of the zone and device code can
be read at the address 000002h of the zone. Each
card uses the same type of memory throughout and
each memory zone will respond the same code.
(Do not apply high voltage to A10 pin in order to try
and read the device identifier codes as this will
result in the card being destroyed.)
STATUS REGISTER
When operating programme or erase, it is necessary
to read status register data and to transact these bit.
Each memory IC used in this
card has internal status register to make sure
programme or erase operations complete
successfully.
7 (15) BIT
6 (14) BIT
5 (13) BIT
4 (12) BIT
3 (11) BIT
2 (10) BIT
1,0 (9,8) BIT
Programme/
Erase Status Bit
Erase
Suspend Bit
Erase Error
Bit
Programme
Error Bit
Vcc Error
Bit
Programme
Suspend Bit
Reserved
Note 4: ( ) ; for 16 bit operation
Bit ; Field name
Bit ; Field name
7(15) BIT ; Programme/Erase Status Bit
6(14) BIT ; Erase Suspend Bit
0=Busy (in programming/erasing) 1=Ready
1=Erase Suspended
5(13) BIT ; Erase Error Bit
4(12) BIT ; Programme Error Bit
1=Erase Error
1=Programme Error
3(11) BIT ; Vcc Error
2(10) BIT ; Programme Suspend Bit
1=Error of voltage at Vcc
1=Programme Suspended
1,0(9,8) BIT ; Reserved for future


Similar Part No. - MF816M-GNCAVXX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF8 NSC-MF8 Datasheet
383Kb / 24P
   4th-Order Switched Capacitor Bandpass Filter
logo
List of Unclassifed Man...
MF80A00B1-1000U-A99 ETC-MF80A00B1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00O1-1000U-A99 ETC-MF80A00O1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00S1-1000U-A99 ETC-MF80A00S1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00V1-1000U-A99 ETC-MF80A00V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
More results

Similar Description - MF816M-GNCAVXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF007M5-03ATXX MITSUBISHI-MF007M5-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07BTXX MITSUBISHI-MF0064M-07BTXX Datasheet
222Kb / 31P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07ATXX MITSUBISHI-MF0064M-07ATXX Datasheet
211Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-11ATXX MITSUBISHI-MF0032M-11ATXX Datasheet
584Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com