Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594D686X-016C2T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 594D686X-016C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D686X-016C2T Datasheet(HTML) 2 Page - Vishay Siliconix

  594D686X-016C2T Datasheet HTML 1Page - Vishay Siliconix 594D686X-016C2T Datasheet HTML 2Page - Vishay Siliconix 594D686X-016C2T Datasheet HTML 3Page - Vishay Siliconix 594D686X-016C2T Datasheet HTML 4Page - Vishay Siliconix 594D686X-016C2T Datasheet HTML 5Page - Vishay Siliconix 594D686X-016C2T Datasheet HTML 6Page - Vishay Siliconix 594D686X-016C2T Datasheet HTML 7Page - Vishay Siliconix 594D686X-016C2T Datasheet HTML 8Page - Vishay Siliconix 594D686X-016C2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
67
594D
Vishay Sprague
Document Number 40006
Revision 09-Mar-05
For technical questions, contact tantalum@vishay.com
RATINGS AND CASE CODES
µF4V
6.3V
10V
16V
20V
25V
35V
50V
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
1.0
B
1.5
2.2
B
3.3
B
4.7
B
B
C
6.8
B
C
D
10
BB
15
B
B
C
D
C
R
22
B
C
B
C
D
33
B
B
C
B
D
R
47
B
C
BD
C
D
R
68
C
B
D
C
R
D
100
B*
B
C
B
D
C
D
R
120
C
R
150
C
B
D
C
D
180
R
220
D
C
C/D
R
270
D
330
C*
C/D
R
D
R
390
R
470
R
C
R
D
R
560
680
D
R
R
1000
R
1500
R
*Preliminary values, contact factory for availability.
33
100*
150
150
270
330*
470
470
680
1500
B
B*
B
C
D
C*
C
R
D
R
594D336X_004B2T
594D107X_004B2T*
594D157X_004B2T
594D157X_004C2T
594D277X_004D2T
594D337X_004C2T*
594D477X_004C2T
594D477X_004R2T
594D687X_004D2T
594D158X_004R2T
1.3
4.0*
6.0
6.0
10.8
13.2*
18.8
18.8
27.2
60.0
6
8*
8
8
8
8*
10
10
12
20
0.38
0.30*
0.25
0.08
0.06
0.08*
0.075
0.045
0.060
0.030
0.47
0.53*
0.58
1.17
1.58
1.17*
1.21
2.36
1.58
2.89
22
100
120
220
220
330
330
390
470
470
680
1000
594D226X_6R3B2T
594D107X_6R3B2T
594D127X_6R3C2T
594D227X_6R3C2T
594D227X_6R3D2T
594D337X_6R3C2T
594D337X_6R3D2T
594D397X_6R3R2T
594D477X_6R3D2T
594D477X_6R3R2T
594D687X_6R3R2T
594D108X_6R3R2T
B
B
C
C
D
C
D
R
D
R
R
R
0.380
0.250
0.085
0.080
0.065
0.080
0.060
0.045
0.060
0.050
0.045
0.030
6
6
8
8
8
8
8
8
10
10
12
16
1.4
6.3
7.6
13.9
13.9
20.8
20.8
24.6
29.6
29.6
42.8
63.0
0.47
0.58
1.48
1.37
1.52
1.17
1.58
2.36
1.58
2.24
2.36
2.89
6.3 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
Max. DCL
@ + 25
°C
(
µA)
PART NUMBER**
CASE
CODE
CAPACITANCE
(
µF)
Max. RIPPLE
100kHz
Irms
(Amps)
STANDARD / EXTENDED RATINGS
4 WVDC @ + 85
°C, SURGE = 5.2 V . . . 2.7 WVDC @ + 125°C, SURGE = 3.4 V
*Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended Range ratings in bold print.


Similar Part No. - 594D686X-016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D686X_010B2T VISHAY-594D686X_010B2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X_010C2T VISHAY-594D686X_010C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results

Similar Description - 594D686X-016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com