Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145106DW Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC145106DW
Description  PLL FREQUENCY SYNTHESIZER CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145106DW Datasheet(HTML) 5 Page - Motorola, Inc

  MC145106DW Datasheet HTML 1Page - Motorola, Inc MC145106DW Datasheet HTML 2Page - Motorola, Inc MC145106DW Datasheet HTML 3Page - Motorola, Inc MC145106DW Datasheet HTML 4Page - Motorola, Inc MC145106DW Datasheet HTML 5Page - Motorola, Inc MC145106DW Datasheet HTML 6Page - Motorola, Inc MC145106DW Datasheet HTML 7Page - Motorola, Inc MC145106DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC145106
MOTOROLA
5
PLL SYNTHESIZER APPLICATIONS
The MC145106 is well suited for applications in CB radios
because of the channelized frequency requirements. A typi-
cal 40 channel CB transceiver synthesizer, using a single
crystal reference, is shown in Figure 3 for receiver IF values
of 10.695 MHz and 455 kHz.
In addition to applications in CB radios, the MC145106 can
be used as a synthesizer for several other systems. Various
frequency spectrums can be achieved through the use of
proper offset, prescaling, and loop programming techniques.
In general, 300 – 400 channels can be synthesized using a
single loop, with many additional channels available when
multiple loop approaches are employed. Figures 4 and 5 are
examples of some possibilities.
In the aircraft synthesizer of Figure 5, the VHF loop (top)
will provide a 50 kHz, 360 channel system with 10.7 MHz
R/T offset when only the 11.0500 MHz (transmit) and
12.1200 MHz (receive) frequencies are provided to mixer #1.
When these signals are provided with crystal oscillators, the
result is a three crystal 360 channel, 50 kHz step synthesizer.
When using the offset loop (bottom) in Figure 5 to provide the
indicated injection frequencies for mixer #1 (two for transmit
and two for receive) 360 additional channels are possible.
This results in a 720–channel, 25 kHz step synthesizer which
requires only two crystals and provides R/T offset capability.
The receive offset value is determined by the 11.31 MHz
crystal frequency and is 10.7 MHz for the example.
The VHF marine synthesizer in Figure 4 depicts a single
loop approach for FM transceivers. The VCO operates on fre-
quency during transmit and is offset downward during re-
ceive. The offset corresponds to the receive IF (10.7 MHz) for
channels having identical receive/transmit frequencies (sim-
plex), and is (10.7 – 4.6 = 6.1) MHz for duplex channels. Car-
rier modulation is introduced in the loop during transmit.
Figure 3. Single Crystal CB Synthesizer Featuring On–Frequency VCO During Transmit
26.965 – 27.405 MHz
(TRANSMIT)
26.510 – 26.950 MHz
(RECEIVE)
RECEIVER 1ST
LOCAL OSC SIGNAL
TO RECEIVER
2ND MIXER
25.6 MHz
X 5
MIXER
16.270 – 16.710 MHz
10.24 MHz
MIXER
BUFFER
GND
VDD
5.0 kHz
BUFFER
VCO
LOOP
FILTER
PHASE
DETECTOR
LD
R/T
SWITCH WAFERS
MC145106
PROGRAMMABLE
DIVIDER
÷ 29/210
÷ 2
OSC
10.24
MHz
1.365 – 1.805 MHz (TRANSMIT)
0.91 – 1.35 MHz (RECEIVE)


Similar Part No. - MC145106DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145106DW LANSDALE-MC145106DW Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
MC145106DW LANSDALE-MC145106DW Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results

Similar Description - MC145106DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com