Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP600C-34 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # QTLP600C-34
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP600C-34 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  QTLP600C-34 Datasheet HTML 1Page - Fairchild Semiconductor QTLP600C-34 Datasheet HTML 2Page - Fairchild Semiconductor QTLP600C-34 Datasheet HTML 3Page - Fairchild Semiconductor QTLP600C-34 Datasheet HTML 4Page - Fairchild Semiconductor QTLP600C-34 Datasheet HTML 5Page - Fairchild Semiconductor QTLP600C-34 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0606
QTLP600C-23 HER/Yellow
QTLP600C-24 HER/Green
QTLP600C-34 Yellow/Green
QTLP600C-74 AlGaAs Red/Green
Ø12.75
2.5±
0.5
11.0
+0.5
-0.0
+0.25
-0.0
+1.5
8.4 -0.0
Progressive direction
Polarity
2.0±0.05
Ø1.55.±05
4.0
4.0
Dimensional tolerance is ± 0.1mm unless otherwise specified
Angle: ± 0.5
Unit: mm
1.63
1.27
0.25±0.1
TAPE AND REEL DIMENSIONS
DS300118
8/30/01
5 OF 6
www.fairchildsemi.com


Similar Part No. - QTLP600C-34

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C-34 FAIRCHILD-QTLP600C-34 Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
More results

Similar Description - QTLP600C-34

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP650C-23 FAIRCHILD-QTLP650C-23 Datasheet
83Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP680C FAIRCHILD-QTLP680C Datasheet
435Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP630C4TR FAIRCHILD-QTLP630C4TR Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
QTLP680C-23 FAIRCHILD-QTLP680C-23 Datasheet
128Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com