Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7S08 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7S08
Description  TinyLogic HS 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7S08 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7S08_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7S08_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7S08_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7S08_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7S08_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7S08_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7S08_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7S08_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7S08_05 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012141
www.fairchildsemi.com
October 1995
Revised January 2005
NC7S08
TinyLogic
£ HS 2-Input AND Gate
General Description
The NC7S08 is a single 2-Input high performance CMOS
AND Gate. Advanced Silicon Gate CMOS fabrication
assures high speed and low power circuit operation over a
broad VCC range. ESD protection diodes inherently guard
both inputs and output with respect to the VCC and GND
rails. Three stages of gain between inputs and outputs
assures high noise immunity and reduced sensitivity to
input edge rate.
Features
■ Space saving SOT23 or SC70 5-lead package
■ Ultra small MicroPak
¥ Pb-Free leadless package
■ High Speed; tPD 3.5 ns typ
■ Low Quiescent Power; ICC  1 PA
■ Balanced Output Drive; 2 mA IOL, 2 mA IOH
■ Broad VCC Operating Range; 2V–6V
■ Balanced Propagation Delays
■ Specified for 3V operation
Ordering Code:
Note 1: “_NL” indicates Pb-Free product (per JEDEC J-STD-020B). Device is available in Tape and Reel only.
TinyLogic
£ is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Product Code
Package Description
Supplied As
Number
Top Mark
NC7S08M5X
MA05B
7S08
5-Lead SOT23, JEDEC MO-178, 1.6mm
3k Units on Tape and Reel
NC7S08M5X_NL
(Note 1)
MA05B
7S08
Pb-Free 5-Lead SOT23, JEDEC MO-178, 1.6mm
3k Units on Tape and Reel
NC7S08P5X
MAA05A
S08
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7S08P5X_NL
(Note 1)
MAA05A
S08
Pb-Free 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide 3k Units on Tape and Reel
NC7S08L6X
MAC06A
PP
Pb-Free 6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7S08_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S08L6X ONSEMI-NC7S08L6X Datasheet
520Kb / 11P
   TinyLogic HS 2-Input AND Gate
August-2017, Rev. 2
NC7S08L6X ONSEMI-NC7S08L6X Datasheet
308Kb / 9P
   TinyLogic HS 2-Input AND Gate
May, 2022 ??Rev. 7
NC7S08L6X-L22175 ONSEMI-NC7S08L6X-L22175 Datasheet
308Kb / 9P
   TinyLogic HS 2-Input AND Gate
May, 2022 ??Rev. 7
logo
Fairchild Semiconductor
NC7S08M5 FAIRCHILD-NC7S08M5 Datasheet
79Kb / 7P
   TinyLogic HS 2-Input AND Gate
NC7S08M5X FAIRCHILD-NC7S08M5X Datasheet
79Kb / 7P
   TinyLogic HS 2-Input AND Gate
More results

Similar Description - NC7S08_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S08 ONSEMI-NC7S08 Datasheet
520Kb / 11P
   TinyLogic HS 2-Input AND Gate
August-2017, Rev. 2
logo
Fairchild Semiconductor
NC7S08 FAIRCHILD-NC7S08 Datasheet
79Kb / 7P
   TinyLogic HS 2-Input AND Gate
logo
ON Semiconductor
NC7S08 ONSEMI-NC7S08_V01 Datasheet
308Kb / 9P
   TinyLogic HS 2-Input AND Gate
May, 2022 ??Rev. 7
NC7S00 ONSEMI-NC7S00 Datasheet
363Kb / 9P
   TinyLogic HS 2-Input NAND Gate
December-2017, Rev. 2
NC7S32 ONSEMI-NC7S32 Datasheet
347Kb / 9P
   TinyLogic HS 2-Input OR Gate
June-2018, Rev. 3
logo
Fairchild Semiconductor
NC7S32 FAIRCHILD-NC7S32_03 Datasheet
154Kb / 8P
   TinyLogic HS 2-Input OR Gate
NC7S00 FAIRCHILD-NC7S00 Datasheet
155Kb / 8P
   TinyLogic HS 2-Input NAND Gate
NC7S02 FAIRCHILD-NC7S02 Datasheet
156Kb / 8P
   TinyLogic HS 2-Input NOR Gate
NC7S32 FAIRCHILD-NC7S32 Datasheet
79Kb / 7P
   TinyLogic HS 2-Input OR Gate
logo
ON Semiconductor
NC7S02 ONSEMI-NC7S02 Datasheet
261Kb / 10P
   TinyLogic HS 2-Input NOR Gate
Revised August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com