Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1000-RWP2 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 4 Page - Texas Instruments

  CC1000-RWP2 Datasheet HTML 1Page - Texas Instruments CC1000-RWP2 Datasheet HTML 2Page - Texas Instruments CC1000-RWP2 Datasheet HTML 3Page - Texas Instruments CC1000-RWP2 Datasheet HTML 4Page - Texas Instruments CC1000-RWP2 Datasheet HTML 5Page - Texas Instruments CC1000-RWP2 Datasheet HTML 6Page - Texas Instruments CC1000-RWP2 Datasheet HTML 7Page - Texas Instruments CC1000-RWP2 Datasheet HTML 8Page - Texas Instruments CC1000-RWP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
CC1000
SWRS048A
Page 4 of 55
1. Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Condition
Supply voltage, VDD
-0.3
5.0
V
Voltage on any pin
-0.3
VDD+0.3,
max 5.0
V
Input RF level
10
dBm
Storage temperature range
(TSSOP)
-50
150
°C
Shelf life (UltraCSP™)
1
year
Room temperature and oxygen
free cabinet
Reflow soldering temperature
(TSSOP)
260
°C
IPC/JEDEC J-STD-020C
Peak reflow soldering temperature
(UltraCSP™)
255
°C
IPC/JEDEC J-STD-020C
Under no circumstances the absolute
maximum ratings given above should be
violated. Stress exceeding one or more of
the limiting values may cause permanent
damage to the device.
Caution! ESD sensitive device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
2. Operating Conditions
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
RF Frequency Range
300
1000
MHz
Programmable in steps of 250 Hz
Operating ambient temperature range
-40
85
°C
Supply voltage
2.1
3.0
3.6
V
Note: The same supply voltage
should be used for digital (DVDD)
and analogue (AVDD) power.
3. Electrical Specifications
Tc = 25
°C, VDD = 3.0 V if nothing else stated
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Transmit Section
Transmit data rate
0.6
76.8
kBaud
NRZ or Manchester encoding.
76.8 kBaud equals 76.8 kbit/s
using NRZ coding. See page 16.
Binary FSK frequency separation
0
65
kHz
The frequency separation is
programmable in 250 Hz steps.
65 kHz is the maximum
guaranteed separation at 1 MHz
reference frequency. Larger
separations can be achieved at
higher reference frequencies.


Similar Part No. - CC1000-RWP2

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC10 ALLIED-CC10 Datasheet
398Kb / 1P
   Ceramic Core Chip Inductors
logo
KOA Speer Electronics, ...
CC10 KOA-CC10 Datasheet
356Kb / 2P
   zero ohm melf resistor
logo
TDK Electronics
CC10-0503SF-E TDK-CC10-0503SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC10-0503SF-E TDK-CC10-0503SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC10-0503SF-E TDK-CC10-0503SF-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
More results

Similar Description - CC1000-RWP2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1010 TI-CC1010 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050PWR TI-CC1050PWR Datasheet
658Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI1-CC1050_15 Datasheet
658Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com