Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX481ECSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX481ECSA
Description  ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481ECSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX481ECSA Datasheet HTML 1Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 2Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 3Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 4Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 5Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 6Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 7Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 8Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX481E, MAX483E, MAX485E, MAX487E–
MAX491E, and MAX1487E are low-power transceivers for
RS-485 and RS-422 communications in harsh environ-
ments. Each driver output and receiver input is protected
against ±15kV electro-static discharge (ESD) shocks,
without latchup. These parts contain one driver and one
receiver. The MAX483E, MAX487E, MAX488E, and
MAX489E feature reduced slew-rate drivers that minimize
EMI and reduce reflections caused by improperly termi-
nated cables, thus allowing error-free data transmission
up to 250kbps. The driver slew rates of the MAX481E,
MAX485E, MAX490E, MAX491E, and MAX1487E are not
limited, allowing them to transmit up to 2.5Mbps.
These transceivers draw as little as 120µA supply cur-
rent when unloaded or when fully loaded with disabled
drivers (see Selector Guide). Additionally, the MAX481E,
MAX483E, and MAX487E have a low-current shutdown
mode in which they consume only 0.5µA. All parts oper-
ate from a single +5V supply.
Drivers are short-circuit current limited, and are protected
against excessive power dissipation by thermal shutdown
circuitry that places their outputs into a high-impedance
state. The receiver input has a fail-safe feature that guar-
antees a logic-high output if the input is open circuit.
The MAX487E and MAX1487E feature quarter-unit-load
receiver input impedance, allowing up to 128 trans-
ceivers on the bus. The MAX488E–MAX491E are
designed for full-duplex communications, while the
MAX481E, MAX483E, MAX485E, MAX487E, and
MAX1487E are designed for half-duplex applications.
For applications that are not ESD sensitive see the pin-
and function-compatible MAX481, MAX483, MAX485,
MAX487–MAX491, and MAX1487.
Applications
Low-Power RS-485 Transceivers
Low-Power RS-422 Transceivers
Level Translators
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
Next-Generation Device Features
♦ For Fault-Tolerant Applications:
MAX3430: ±80V Fault-Protected, Fail-Safe, 1/4-
Unit Load, +3.3V, RS-485 Transceiver
MAX3080–MAX3089: Fail-Safe, High-Speed
(10Mbps), Slew-Rate-Limited, RS-485/RS-422
Transceivers
♦ For Space-Constrained Applications:
MAX3460–MAX3464: +5V, Fail-Safe, 20Mbps,
Profibus, RS-485/RS-422 Transceivers
MAX3362: +3.3V, High-Speed, RS-485/RS-422
Transceiver in a SOT23 Package
MAX3280E–MAX3284E: ±15kV ESD-Protected,
52Mbps, +3V to +5.5V, SOT23, RS-485/RS-422
True Fail-Safe Receivers
MAX3030E–MAX3033E: ±15kV ESD-Protected,
+3.3V, Quad RS-422 Transmitters
♦ For Multiple Transceiver Applications:
MAX3293/MAX3294/MAX3295: 20Mbps, +3.3V,
SOT23, RS-485/RS-422 Transmitters
♦ For Fail-Safe Applications:
MAX3440E–MAX3444E: ±15kV ESD-Protected,
±60V Fault-Protected, 10Mbps, Fail-Safe
RS-485/J1708 Transceivers
♦ For Low-Voltage Applications:
MAX3483E/MAX3485E/MAX3486E/MAX3488E/
MAX3490E/MAX3491E: +3.3V Powered, ±15kV
ESD-Protected, 12Mbps, Slew-Rate-Limited,
True RS-485/RS-422 Transceivers
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-0410; Rev 4; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX481ECPA
0°C to +70°C
8 Plastic DIP
MAX481ECSA
0°C to +70°C
8 SO
MAX481EEPA
-40°C to +85°C
8 Plastic DIP
MAX481EESA
-40°C to +85°C
8 SO
MAX483ECPA
0°C to +70°C
8 Plastic DIP
MAX483ECSA
0°C to +70°C
8 SO
MAX483EEPA
-40°C to +85°C
8 Plastic DIP
MAX483EESA
-40°C to +85°C
8 SO
Ordering Information continued at end of data sheet.
Selector Guide appears at end of data sheet.


Similar Part No. - MAX481ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481ECSA MAXIM-MAX481ECSA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX481ECSA MAXIM-MAX481ECSA Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481ECSA MAXIM-MAX481ECSA Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results

Similar Description - MAX481ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com