Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX708REUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX708REUA
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX708REUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX708REUA Datasheet HTML 1Page - Maxim Integrated Products MAX708REUA Datasheet HTML 2Page - Maxim Integrated Products MAX708REUA Datasheet HTML 3Page - Maxim Integrated Products MAX708REUA Datasheet HTML 4Page - Maxim Integrated Products MAX708REUA Datasheet HTML 5Page - Maxim Integrated Products MAX708REUA Datasheet HTML 6Page - Maxim Integrated Products MAX708REUA Datasheet HTML 7Page - Maxim Integrated Products MAX708REUA Datasheet HTML 8Page - Maxim Integrated Products MAX708REUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX706P/R/S/T, MAX706AP/AR/AS/AT, and
MAX708R/S/T microprocessor (µP) supervisory circuits
reduce the complexity and number of components
required to monitor +3V power-supply levels in +3V to
+5V µP systems. These devices significantly improve
system reliability and accuracy compared to separate
ICs or discrete components.
The MAX706P/R/S/T and MAX706AP/AR/AS/AT supervi-
sory circuits provide the following four functions:
1) A reset output during power-up, power-down, and
brownout conditions.
2) An independent watchdog output that goes low if the
watchdog input has not been toggled within 1.6s.
3) A 1.25V threshold detector for power-fail warning,
low-battery detection, or for monitoring a power
supply other than the main supply.
4) An active-low, manual-reset input.
The only difference between the MAX706R/AR,
MAX706S/AS, and MAX706T/AT is the reset-threshold
voltage levels, which are 2.63V, 2.93V, and 3.08V,
respectively. All have active-low reset output signals.
The MAX706P/AP are identical to the MAX706R/AR,
except the reset output signal is active-high. The watch-
dog timer function for the MAX706AP/AR/AS/AT dis-
ables when the WDI input is left open or connected to a
high-impedance state of a low-leakage tri-state output.
The MAX708R/S/T provide the same functions as the
MAX706R/S/T and MAX706AR/AS/AT except they do
not have a watchdog timer. Instead, they provide both
RESET and RESET outputs. As with the MAX706,
devices with R, S, and T suffixes have reset thresholds
of 2.63V, 2.93V, and 3.08V, respectively.
These devices are available in 8-pin SO, DIP, and
µMAX® packages and are fully specified over the oper-
ating temperature range.
Applications
Battery-Powered Equipment
Portable Instruments
Computers
Controllers
Intelligent Instruments
Critical µP Power Monitoring
Features
♦ µMAX Package, Small 8-Pin SO
♦ Precision Supply-Voltage Monitors
2.63V (MAX706P/R, MAX706AP/AR, and MAX708R)
2.93V (MAX706S, MAX706AS, and MAX708S)
3.08V (MAX706T, MAX706AT, and MAX708T)
♦ 200ms Reset Time Delay
♦ Debounced TTL/CMOS-Compatible Manual Reset
Input
♦ 100µA Quiescent Current
♦ WDI Disable Feature (MAX706AP/AR/AS/AT)
♦ Watchdog Timer: 1.6s Timeout
♦ Reset Output Signal:
Active-High Only (MAX706P, MAX706AP)
Active-Low Only (MAX706R/S/T, MAX706AR/AS/AT)
Active-High and Active-Low (MAX708R/S/T)
♦ Voltage Monitor for Power-Fail or Low-Battery
Warning
♦ 8-Pin Surface-Mount Package
♦ Guaranteed RESET Assertion to VCC = 1V
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-0099; Rev 5; 4/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
Pin Configurations appear at end of data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
PART†
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX706PCPA
0°C to +70°C
8 PDIP
P8-1
MAX706PCSA
0°C to +70°C
8 SO
S8-2
MAX706PCUA
0°C to +70°C
8 µMAX
U8-1
MAX706PEPA
-40°C to +85°C
8 PDIP
P8-1
SO, µMAX, and PDIP packages are available in lead-free.
VCC
PFI
GND
MR
PFO
WDO
RESET
UNREGULATED
DC
PUSHBUTTON
SWITCH
WDI
I/O LINE
INTERRUPT
µP
MAX639
DC-DC
CONVERTER
+3V/+3.3V
MAX706R/S/T
MAX706AR/AS/AT
VCC
RESET
NMI
Typical Operating Circuits
Typical Operating Circuits continued at end of data sheet.


Similar Part No. - MAX708REUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX708REPA MAXIM-MAX708REPA Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
MAX708RESA MAXIM-MAX708RESA Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
logo
ON Semiconductor
MAX708RESA-T ONSEMI-MAX708RESA-T Datasheet
95Kb / 10P
   UP Supervisory Circuits
August, 2005 ??Rev. 4
MAX708RESA-TG ONSEMI-MAX708RESA-TG Datasheet
95Kb / 10P
   UP Supervisory Circuits
August, 2005 ??Rev. 4
More results

Similar Description - MAX708REUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
logo
Analog Devices
ADM705 AD-ADM705 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Maxim Integrated Produc...
MAX706RCSA-T MAXIM-MAX706RCSA-T Datasheet
229Kb / 12P
   Low-Cost, Supervisory Circuits
Rev. 9; 1/13
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Maxim Integrated Produc...
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com