Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD18200-2D-QV Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMD18200-2D-QV
Description  3A, 55V H-Bridge
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18200-2D-QV Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMD18200-2D-QV Datasheet HTML 1Page - National Semiconductor (TI) LMD18200-2D-QV Datasheet HTML 2Page - National Semiconductor (TI) LMD18200-2D-QV Datasheet HTML 3Page - National Semiconductor (TI) LMD18200-2D-QV Datasheet HTML 4Page - National Semiconductor (TI) LMD18200-2D-QV Datasheet HTML 5Page - National Semiconductor (TI) LMD18200-2D-QV Datasheet HTML 6Page - National Semiconductor (TI) LMD18200-2D-QV Datasheet HTML 7Page - National Semiconductor (TI) LMD18200-2D-QV Datasheet HTML 8Page - National Semiconductor (TI) LMD18200-2D-QV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Performance Characteristics (Continued)
Supply Current vs
Frequency (V
S = 42V)
Supply Current vs
Temperature (V
S = 42V)
01056820
01056821
Current Sense Output
vs Load Current
Current Sense
Operating Region
01056822
01056823
Test Circuit
01056808
www.national.com
5


Similar Part No. - LMD18200-2D-QV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18200-2D-QV NSC-LMD18200-2D-QV Datasheet
439Kb / 13P
   3A, 55V H-Bridge
More results

Similar Description - LMD18200-2D-QV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
   3A, 55V H-Bridge
LMD18201 NSC-LMD18201 Datasheet
261Kb / 8P
   3A, 55V H-Bridge
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
[Old version datasheet]   LMD18200 3A, 55V H-Bridge
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
[Old version datasheet]   2.4A, 55V H-Bridge
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com