Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F342EPFV Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F342EPFV
Description  16-bit Proprietary Microcontroller CMOS
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F342EPFV Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F342EPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F342EPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F342EPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F342EPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F342EPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F342EPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F342EPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F342EPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F342EPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
MB90340E Series
4
■ PRODUCT LINEUP
(Continued)
Part Number
Parameter
MB90V340E-101,
MB90V340E-102
MB90F342E(S), MB90F342CE(S),
MB90F343E(S)*1, MB90F343CE(S)*1,
MB90F345E(S), MB90F345CE(S),
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
MB90341E(S)*1, MB90341CE(S)*1,
MB90342E(S)*1, MB90342CE(S)*1,
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S)*1, MB90348CE(S)*1,
MB90349E(S)*1, MB90349CE(S)*1
Type
Evaluation products
Flash memory products
MASK ROM products
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (4 MHz osc. PLL
× 6)
ROM
External
512 Kbytes :
MB90F345E(S), MB90F345CE(S)
384 Kbytes :
MB90F343E(S), MB90F343CE(S)
256 Kbytes :
MB90F342E(S), MB90F342CE(S),
MB90F349E(S), MB90F349CE(S)
128 Kbytes :
MB90F347E(S), MB90F347CE(S)
64 Kbytes :
MB90F346E(S), MB90F346CE(S)
256 Kbytes
:
MB90342E(S), MB90342CE(S),
MB90349E(S), MB90349CE(S)
128 Kbytes
:
MB90341E(S), MB90341CE(S),
MB90348E(S), MB90348CE(S),
MB90347E(S), MB90347CE(S)
64 Kbytes :
MB90346E(S), MB90346CE(S)
RAM
30 Kbytes
20 Kbytes :
MB90F343E(S), MB90F343CE(S),
MB90F345E(S), MB90F345CE(S)
16 Kbytes :
MB90F342E(S), MB90F342CE(S),
MB90F349E(S), MB90F349CE(S)
6 Kbytes :
MB90F347E(S), MB90F347CE(S)
2 Kbytes :
MB90F346E(S), MB90F346CE(S)
16 Kbytes
:
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
6 Kbytes
:
MB90347E(S), MB90347CE(S)
2 Kbytes
:
MB90346E(S), MB90346CE(S)
Emulator-specific
power supply*2
Yes
Technology
0.35
µm CMOS with
regulator for built-in
power supply
0.35
µm CMOS with built-in power supply regulator +
Flash memory with Charge pump for programming voltage
Operating
voltage range
5 V
± 10%
3.5 V to 5.5 V : When normal operating (not using A/D converter)
4.0 V to 5.5 V : When using the A/D converter/Flash programming
4.5 V to 5.5 V : When using the external bus
Temperature range
⎯−40 °C to +105 °C
Package
PGA-299
QFP-100, LQFP-100
UART
5 channels
4 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 kbps)
2 channels
Devices with a C suffix in the part number : 2channels
Devices without a C suffix in the part number :


Similar Part No. - MB90F342EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F342EPFV FUJITSU-MB90F342EPFV Datasheet
1Mb / 84P
   16-bit Microcontroller
More results

Similar Description - MB90F342EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com