Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7560-300E Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-7560-300E
Description  Optically Isolated Sigma-Delta Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7560-300E Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7560-300E Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7560-300E Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7560-300E Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7560-300E Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7560-300E Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7560-300E Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7560-300E Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7560-300E Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7560-300E Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
DYNAMIC CHARACTERISTICS (Digital Interface IC HCPL-0872 is set to Conversion Mode 5.)
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-
output continuous voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation
Characteristics Table (if applicable), your equipment level safety specification, or Agilent Application Note 1074,
“Optocoupler Input-Output Endurance Voltage.”
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note
Input-Output Momentary
Withstand Voltage*
VISO
3750
Vrms
RH
≤ 50%, t = 1 min;
TA = 25°C
19, 20
Input-Output Resistance
RI-O
≥109
VI-O = 500 Vdc
20
Input-Output Capacitance
CI-O
1.4
pF
f = 1 MHz
20
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Signal-to-Noise Ratio
SNR
53
dB
VIN+ = 35 Hz,
400 mVpk-pk
(141 mVrms)
sine wave.
9,10
Total Harmonic Distortion
THD
-51
dB
Signal-to-(Noise + Distortion)
SND
50
dB
Effective Number of Bits
ENOB
8
bits
11
12
Conversion Time
tC2
0.2
0.8
µs
Pre-Trigger Mode 2
1,12
13
tC1
5
8
µs
Pre-Trigger Mode 1
1,12
13
tC0
10
16
µs
Pre-Trigger Mode 0
1,12
Signal Delay
tDSIG
5µs
13
14
Over-Range Detect Time
tOVR1
2.0
3.0
4.2
µs
VIN+ = 0 to 400mV
step waveform
14
15
Threshold Detect Time
(default configuration)
tTHR1
10
µs
16
Signal Bandwidth
BW
90
kHz
15
17
Isolation Transient Immunity
CMR
15
20
kV/µs
VISO = 1 kV
18


Similar Part No. - HCPL-7560-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7560 AVAGO-HCPL-7560 Datasheet
379Kb / 18P
   Optically Isolated Sigma-Delta (誇-?) Modulator
More results

Similar Description - HCPL-7560-300E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
logo
Agilent(Hewlett-Packard...
HCPL-786J HP-HCPL-786J Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com