Electronic Components Datasheet Search |
|
HCPL-7560 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HCPL-7560 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 18 page 5 Regulatory Information The HCPL-7560 has been approved by the following organizations: IEC/EN/DIN EN 60747-5-2 Approved under: IEC 60747-5-2:1997 + A1:2002 EN 60747-5-2:2001 + A1:2002 DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01. UL Approval under UL 1577, component recognition program up to VISO = 3750 VRMS. File E55361. CSA Approval under CSA Component Acceptance Notice #5, File CA 88324. IEC/EN/DIN EN 60747-5-2 Insulation Characteristics[1] Notes: 1. Insulation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits within the application. Surface Mount Classifications is Class A in accordance with CECC00802. 2. Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/EN/ DIN EN 60747-5-2) for a detailed description of Method a and Method b partial discharge test profiles. 3. Refer to the following figure for dependence of PS and IS on ambient temperature. Description Symbol HCPL-7560 Unit Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage ≤ 300 Vrms for rated mains voltage ≤ 450 Vrms for rated mains voltage ≤ 600 Vrms I - IV I - III I - II Climatic Classification 40/85/21 Pollution Degree (DIN VDE 0110/1.89) 2 Maximum Working Insulation Voltage VIORM 891 Vpeak Input to Output Test Voltage, Method b[2] VIORM x 1.875=VPR, 100% Production Test withtm=1 sec, Partial discharge < 5 pC VPR 1670 Vpeak Input to Output Test Voltage, Method a* VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec, Partial discharge < 5 pC VPR 1336 Vpeak Highest Allowable Overvoltage (Transient Overvoltage tini = 10 sec) VIOTM 6000 Vpeak Safety-limiting values - maximum values allowed in the event of a failure, also see Figure 13. Case Temperature Input Current[3] Output Power[3] TS IS, INPUT PS, OUTPUT 175 400 600 °C mA mW Insulation Resistance at TS, VIO = 500 V RS >109 Ω |
Similar Part No. - HCPL-7560 |
|
Similar Description - HCPL-7560 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |