Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6890N Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 6890N
Description  Dual N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6890N Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 6890N Datasheet HTML 2Page - Fairchild Semiconductor 6890N Datasheet HTML 3Page - Fairchild Semiconductor 6890N Datasheet HTML 4Page - Fairchild Semiconductor 6890N Datasheet HTML 5Page - Fairchild Semiconductor 6890N Datasheet HTML 6Page - Fairchild Semiconductor 6890N Datasheet HTML 7Page - Fairchild Semiconductor 6890N Datasheet HTML 8Page - Fairchild Semiconductor 6890N Datasheet HTML 9Page - Fairchild Semiconductor 6890N Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FDMC6890NZ Rev.C
www.fairchildsemi.com
6
Figure 12. Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.01
0.1
1
0.006
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics (Q1 N-Channel)T
J = 25°C unless otherwise noted


Similar Part No. - 6890N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
68901N04 STMICROELECTRONICS-68901N04 Datasheet
314Kb / 33P
   MULTI.FUNCTION PERIPHERAL
68901N05 STMICROELECTRONICS-68901N05 Datasheet
314Kb / 33P
   MULTI.FUNCTION PERIPHERAL
68901P04 STMICROELECTRONICS-68901P04 Datasheet
314Kb / 33P
   MULTI.FUNCTION PERIPHERAL
68901P05 STMICROELECTRONICS-68901P05 Datasheet
314Kb / 33P
   MULTI.FUNCTION PERIPHERAL
68901Q04 STMICROELECTRONICS-68901Q04 Datasheet
314Kb / 33P
   MULTI.FUNCTION PERIPHERAL
More results

Similar Description - 6890N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMD84100 FAIRCHILD-FDMD84100 Datasheet
233Kb / 8P
   Dual N-Channel PowerTrench MOSFET
FDMA1028NZ FAIRCHILD-FDMA1028NZ Datasheet
120Kb / 7P
   Dual N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDMD8440L ONSEMI-FDMD8440L Datasheet
612Kb / 8P
   Dual N-Channel PowerTrench MOSFET
Mar, 2017, Rev. 1.0
FDMC8032L ONSEMI-FDMC8032L Datasheet
305Kb / 8P
   Dual N-Channel PowerTrench MOSFET
February, 2019 ??Rev. 4
FDMD8430 ONSEMI-FDMD8430 Datasheet
216Kb / 8P
   Dual N-Channel PowerTrench MOSFET
April, 2018 ??Rev. 0
FDMD8540L ONSEMI-FDMD8540L Datasheet
661Kb / 11P
   MOSFET ??Dual, N-Channel, POWERTRENCH
April, 2021 ??Rev. 2
logo
Fairchild Semiconductor
FDMB3800N FAIRCHILD-FDMB3800N Datasheet
326Kb / 7P
   Dual N-Channel PowerTrench MOSFET
FDMS7602S FAIRCHILD-FDMS7602S Datasheet
405Kb / 12P
   Dual N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDMA1028NZ ONSEMI-FDMA1028NZ Datasheet
495Kb / 8P
   Dual N-Channel PowerTrench MOSFET
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978 Datasheet
439Kb / 9P
   Dual N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com