Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX706PMJA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX706PMJA
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX706PMJA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX706PMJA Datasheet HTML 1Page - Maxim Integrated Products MAX706PMJA Datasheet HTML 2Page - Maxim Integrated Products MAX706PMJA Datasheet HTML 3Page - Maxim Integrated Products MAX706PMJA Datasheet HTML 4Page - Maxim Integrated Products MAX706PMJA Datasheet HTML 5Page - Maxim Integrated Products MAX706PMJA Datasheet HTML 6Page - Maxim Integrated Products MAX706PMJA Datasheet HTML 7Page - Maxim Integrated Products MAX706PMJA Datasheet HTML 8Page - Maxim Integrated Products MAX706PMJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(MAX70_P/R, MAX706AP/AR: VCC = 2.7V to 5.5V; MAX70_S, MAX706AS: VCC = 3.0V to 5.5V; MAX70_T, MAX706AT: VCC = 3.15V to
5.5V; TJ = TA = TMIN to TMAX, unless otherwise noted. Typical values are at TJ = TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
WATCHDOG OUTPUT
VOH
VRST(MAX) < VCC < 3.6V ISOURCE = 500µA
0.8 x
VCC
VOL
VRST(MAX) < VCC < 3.6V ISINK = 500µA
0.3
VOH
4.5V < VCC < 5.5V
ISOURCE = 800µA
VCC -
1.5
WDO Output Voltage
(MAX706_, MAX706A_)
VOL
4.5V < VCC < 5.5V
ISINK = 1.2mA
0.4
V
MANUAL RESET INPUT
VRST(MAX) < VCC
< 3.6V
25
70
250
MR Pullup Current
MR = 0
4.5V < VCC <
5.5V
100
250
600
µA
VRST(MAX) < VCC < 3.6V
500
MR Pulse Width
tMR
4.5V < VCC < 5.5V
150
ns
VIL
VRST(MAX) < VCC < 3.6V
0.6
VIH
VRST(MAX) < VCC < 3.6V
0.7 x
VCC
VIL
4.5V < VCC < 5.5V
0.8
MR Input Threshold
VIH
4.5V < VCC < 5.5V
2.0
V
VRST(MAX) < VCC < 3.6V
750
MR to Reset Output Delay
tMD
4.5V < VCC < 5.5V
250
ns
POWER-FAILURE COMPARATOR
(MAX70_P/R, MAX706AP/AR) PFI falling
VCC = 3.0V
1.20
1.25
1.30
PFI Input Threshold
(MAX70_S/T, MAX706AS/AT) PFI falling,
VCC = 3.3V
1.20
1.25
1.30
V
PFI Input Current
-25
+0.01
+25
nA
VOH
VRST(MAX) < VCC < 3.6V ISOURCE = 500µA
0.8 x
VCC
VOL
VRST(MAX) < VCC < 3.6V ISINK = 1.2mA
0.3
VOH
4.5V < VCC < 5.5V
ISOURCE = 800µA
VCC -
1.5
PFO Output Voltage
VOL
4.5V < VCC < 5.5V
ISINK = 3.2mA
0.4
V
Note 2: All devices 100% production tested at TA = +85°C. Limits over temperature are guaranteed by design.
Note 3: Applies to both RESET in the MAX70_R/S/T and MAX706AR/AS/AT, and RESET in the MAX706P/MAX706AP.


Similar Part No. - MAX706PMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX706PMJA MAXIM-MAX706PMJA Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
More results

Similar Description - MAX706PMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
logo
Analog Devices
ADM705 AD-ADM705 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM706P AD-ADM706P Datasheet
129Kb / 8P
   3 V, Voltage Monitoring uP Supervisory Circuits
REV. A
logo
Maxim Integrated Produc...
MAX706RCSA-T MAXIM-MAX706RCSA-T Datasheet
229Kb / 12P
   Low-Cost, Supervisory Circuits
Rev. 9; 1/13
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Maxim Integrated Produc...
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com