Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8428GAK Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN8428GAK
Description  For 3.5inch HDD Motor Comb IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8428GAK Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN8428GAK Datasheet HTML 1Page - Panasonic Semiconductor AN8428GAK Datasheet HTML 2Page - Panasonic Semiconductor AN8428GAK Datasheet HTML 3Page - Panasonic Semiconductor AN8428GAK Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
+5 V
+12V
Output voltage
(Spindle)
Vcc12
- 0.3
~13.5
 
Supply voltage
+3.3 V
Vcc3.3
- 0.3
~6.0
V
- 0.3
~6.0
VVCMN,VCMP
Vcc5
VSDRV
(VCM)
- 0.3 ~15
- 0.3 ~15
V
V
V
V
+5V
VCC5
VCCS12
VCCV12
4.5 V
5.5 V
10.8 V
13.2 V
+12V
+12V
+12V
VCCA12
10.8 V
13.2 V
10.8 V
13.2 V
V
V
V
V
+3.3 VSupply voltage range
VCC3.3
3.0 V
5.5 V
V
I Ospeak
3.0
2.0
A
I Ovpeak
A
■ Maximum Ratings
PARAMETER
SYMBOL
Ratings
unit
■ Supply voltage range
■ Electrical Characteristics(Ta=25 ℃±2 ℃ unless otherwise specified )
min
typ
max
mA
I CC5S
14.0
+5V
mA
I CC12
35.0
55.0
+12 V
I CC5
16.0
20.0
I CC12S
10.0
--
+3.3 V
Supply Current
I CC3.3
I CC3.3 S
Linear mode
Sleep mode
mA
1.1
1.1
3.0
3.0
V
Vt12
Vt5
4.2
[Power Monitor
Comparators]
12V Threshold
voltage
V
9.3
9.0
8.7
4.3
4.4
Conditions
Supply voltage
Supply voltage
Output voltage
Spindle Motor
Peak Output Current
Voice coil Motor
Peak Output Current
Supply voltage range
Supply voltage range
Supply voltage range
Supply voltage range
PARAMETER
SYMBOL
unit
Supply Current
Supply Current
Linear mode
Linear mode
Sleep mode
Sleep mode
5V Threshold
voltage


Similar Part No. - AN8428GAK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN842 SILABS-AN842 Datasheet
972Kb / 4P
   Use a Self-Powered Op Amp to Create a Low-Leakage Rectifier
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
More results

Similar Description - AN8428GAK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8221FB PANASONIC-AN8221FB Datasheet
506Kb / 13P
   HDD Sensor-less Motor Driver IC
logo
Toshiba Semiconductor
TA8748AN TOSHIBA-TA8748AN Datasheet
878Kb / 17P
   DOUBLE CCD COMB IC FOR TV, VTR
logo
Vishay Siliconix
SI9993CS VISHAY-SI9993CS Datasheet
419Kb / 16P
   12-V VCM/Spindle Motor Driver for Large Capacity HDD
Rev. A, 05-Apr-99
logo
Fujitsu Component Limit...
MB3853 FUJITSU-MB3853 Datasheet
126Kb / 14P
   1A Motor Drive IC for Motor Applications
logo
Panasonic Semiconductor
AN44071A-VF PANASONIC-AN44071A-VF Datasheet
1Mb / 68P
   Driver IC for Stepping Motor
AN8290S PANASONIC-AN8290S Datasheet
545Kb / 5P
   IC for Spindle Motor Control
AN44066A-VF PANASONIC-AN44066A-VF Datasheet
1Mb / 53P
   Driver IC for Stepping Motor
AN44063A PANASONIC-AN44063A Datasheet
300Kb / 11P
   Driver IC for Stepping Motor
logo
Toshiba Semiconductor
TB6614FNG TOSHIBA-TB6614FNG Datasheet
267Kb / 11P
   Driver IC for DC motor
logo
Panasonic Semiconductor
AN44067A-VF PANASONIC-AN44067A-VF Datasheet
1Mb / 61P
   Driver IC for Stepping Motor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com