Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C106 Datasheet(PDF) 10 Page - Sanken electric

Part # C106
Description  Operate on the main AC line 100V and 200V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

C106 Datasheet(HTML) 10 Page - Sanken electric

Back Button C106 Datasheet HTML 6Page - Sanken electric C106 Datasheet HTML 7Page - Sanken electric C106 Datasheet HTML 8Page - Sanken electric C106 Datasheet HTML 9Page - Sanken electric C106 Datasheet HTML 10Page - Sanken electric C106 Datasheet HTML 11Page - Sanken electric C106 Datasheet HTML 12Page - Sanken electric C106 Datasheet HTML 13Page - Sanken electric C106 Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image


Similar Part No. - C106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
GE Solid State
C106 GESS-C106 Datasheet
37Kb / 1P
   4-A Sensitive-Gate Silicon Controlled Rectifiers
logo
Digitron Semiconductors
C106 DIGITRON-C106 Datasheet
156Kb / 3P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C106 NJSEMI-C106 Datasheet
111Kb / 2P
   The Type C106 Silicon Controlled Rectifier
More results

Similar Description - C106

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXV8-PW27-0014 LUMILEDS-LXV8-PW27-0014 Datasheet
1Mb / 23P
   High Voltage (100V and 200V) LED
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
   Timers Delay on Operate
EASSM2310M ETC2-EASSM2310M Datasheet
62Kb / 2P
   Timers Delay on Operate
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
   Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
   Timers Delay on Operate
logo
List of Unclassifed Man...
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
   Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
   Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
   Timers Delay on Operate
logo
Central Semiconductor C...
CMSH3-100MHV_SERIES CENTRAL-CMSH3-100MHV_SERIES Datasheet
1Mb / 2P
   3.0A, 100V thru 200V Schottky Rectifiers in the SMB package
logo
Tyco Electronics
CLCU MACOM-CLCU Datasheet
51Kb / 2P
   Delay on operate timing mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com