Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ8821MADG Datasheet(PDF) 2 Page - General Electric Company

Part # NJ8821MADG
Description  FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

NJ8821MADG Datasheet(HTML) 2 Page - General Electric Company

  NJ8821MADG Datasheet HTML 1Page - General Electric Company NJ8821MADG Datasheet HTML 2Page - General Electric Company NJ8821MADG Datasheet HTML 3Page - General Electric Company NJ8821MADG Datasheet HTML 4Page - General Electric Company NJ8821MADG Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NJ8821
mA
mA
V
V
V
V
V
V
µA
V
V
V
V
V
V
fosc, fFIN = 10MHz
fosc, fFIN = 1·0MHz
ISOURCE = 1mA
ISINK = 1mA
ISINK = 4mA
ISOURCE = 5mA
ISINK = 5mA
TTL compatible
See note 1
5·5
1·5
0·4
0·4
7
0·4
±0·1
0·4
0·75
0·75
Supply current
OUTPUT LEVELS
Modulus Control Output (MC)
High level
Low level
Lock Detect Output (LD)
Low level
Open drain pull-up voltage
PDB Output
High level
Low level
3-state leakage current
INPUT LEVELS
Data Inputs (D0-D3)
High level
Low level
Program Enable Input (PE)
High level
Low level
Data Select Inputs (DS0-DS2)
High level
Low level
4·6
4·6
4·25
4·25
4·25
2
ELECTRICAL CHARACTERISTICS AT VDD = 5V
Test conditions unless otherwise stated:
VDD–VSS=5V ±0·5V. Temperature range NJ8821 BA: –30°C to +70°C; NJ8821MA: –40°C to +85°C
DC Characteristics
Value
Typ.
Max.
Characteristic
Min.
3·5
0·7
Units
Conditions
0 to 5V
square
wave
mVRMS
MHz
ns
µs
µs
µs
µs
µs
ns
k
nF
k
V/Rad
50
1
5
FIN and OSC IN input level
Max. operating frequency, fFIN and fosc
Propagation delay, clock to MC
Strobe pulse width, tW(ST)
Data set-up time, tDS
Data hold time, tDH
Latch address set-up time, tSE
Latch address hold time, tHE
Digital phase detector propagation delay
Gain programming resistor, RB
Hold capacitor, CH
Output resistance, PDA
Digital phase detector gain
30
500
0·4
AC Characteristics
Value
Typ.
Max.
Characteristic
Min.
Units
Conditions
200
10·6
2
1
1
1
1
5
10MHz AC-coupled sinewave
Input squarewave VDD to VSS,
See note 4.
See note 2.
See Fig. 6
See note 3.
NOTES
1. Data inputs have internal pull-up resistors to enable them to be driven from TTL outputs.
2. All counters have outputs directly synchronous with their respective clock rising edges.
3. The finite output resistance of the internal voltage follower and ‘on’ resistance of the sample switch driving this pin will add a finite time constant
to the loop. An external 1nF hold capacitor will give a maximum time constant of 5
µs, typically.
4. Operation at up to 15MHz is possible with a full logic swing but is not guaranteed.


Similar Part No. - NJ8821MADG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ8821MADG ZARLINK-NJ8821MADG Datasheet
475Kb / 10P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ8821MADG ZARLINK-NJ8821MADG Datasheet
476Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
More results

Similar Description - NJ8821MADG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ8821 ZARLINK-NJ8821 Datasheet
475Kb / 10P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ88C21 ZARLINK-NJ88C21 Datasheet
476Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ88C22 ZARLINK-NJ88C22 Datasheet
217Kb / 7P
   Frequency Synthesiser with resettable counters
NJ88C24 ZARLINK-NJ88C24 Datasheet
126Kb / 6P
   Frequency Synthesiser with non-resettable counters
NJ88C25 ZARLINK-NJ88C25 Datasheet
197Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR SERIAL INTERFACE)
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
   FREQUENCY SYNTHESISER (PROM INTERFACE)
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
   2.5GHz Frequency Synthesiser
logo
Mitel Networks Corporat...
WL800 MITEL-WL800 Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
logo
B&K Precision Corporati...
1823A BK-1823A Datasheet
950Kb / 1P
   Frequency Counters
logo
Mitel Networks Corporat...
ACE9030 MITEL-ACE9030 Datasheet
379Kb / 39P
   Radio Interface and Twin Synthesiser
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com