Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90867E Datasheet HTML 1Page - Fujitsu Component Limited. MB90867E Datasheet HTML 2Page - Fujitsu Component Limited. MB90867E Datasheet HTML 3Page - Fujitsu Component Limited. MB90867E Datasheet HTML 4Page - Fujitsu Component Limited. MB90867E Datasheet HTML 5Page - Fujitsu Component Limited. MB90867E Datasheet HTML 6Page - Fujitsu Component Limited. MB90867E Datasheet HTML 7Page - Fujitsu Component Limited. MB90867E Datasheet HTML 8Page - Fujitsu Component Limited. MB90867E Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
DS07-13748-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2006 FUJITSU LIMITED All rights reserved
“Check Sheet” is seen at the following support page
URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90860E Series
MB90867E(S), MB90F867E(S),
MB90V340E-101/102
■ DESCRIPTION
MB90860E-series with Flash ROM is especially designed for automotive and other industrial applications. With
the new 0.35
µm CMOS technology, Fujitsu now offers on-chip Flash ROM program memory up to 512 Kbytes.
The power supply (3 V) is supplied to the internal MCU core from an internal regulator circuit. This creates a
major advantage in terms of EMI and power consumption.
The internal PLL clock frequency multiplier provides an internal 42 ns instruction cycle time from an external
4 MHz clock.
The unit features an 8 channel Output Compare Unit and 8 channel Input Capture Unit with 2 separate 16-bit free
running timers. 4 UARTs constitute additional functionality for communication purposes.
Note : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com