Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH3002CPI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH3002CPI
Description  High efficiency ultrafast diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3002CPI Datasheet(HTML) 2 Page - STMicroelectronics

  STTH3002CPI Datasheet HTML 1Page - STMicroelectronics STTH3002CPI Datasheet HTML 2Page - STMicroelectronics STTH3002CPI Datasheet HTML 3Page - STMicroelectronics STTH3002CPI Datasheet HTML 4Page - STMicroelectronics STTH3002CPI Datasheet HTML 5Page - STMicroelectronics STTH3002CPI Datasheet HTML 6Page - STMicroelectronics STTH3002CPI Datasheet HTML 7Page - STMicroelectronics STTH3002CPI Datasheet HTML 8Page - STMicroelectronics STTH3002CPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STTH3002C
2/11
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
∆Tj(diode 1) = P (diode 1) X Rth(j-c) (Per diode) + P (diode 2) x Rth(c)
Table 1.
Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
50
A
IF(AV)
Average forward current,
δ = 0.5
TO-220AB, TO-247,
I2PAK, D2PAK
Per diode Tc = 150° C
15
A
Per device Tc = 145° C
30
TOP3I
Per diode Tc = 125° C
15
Per device Tc = 105° C
30
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
180
A
Tstg
Storage temperature range
-65 to +175
° C
Tj
Maximum operating junction temperature
175
° C
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, TO-247, I2PAK, D2PAK
Per diode
1.5
° C/W
Total
1.0
TOP3I
Per diode
3.5
Total
2.3
Rth(c)
Coupling
TO-220AB, TO-247, I2PAK, D2PAK
0.5
TOP3I
1.1


Similar Part No. - STTH3002CPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3002CG STMICROELECTRONICS-STTH3002CG Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002CG-TR STMICROELECTRONICS-STTH3002CG-TR Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002CR STMICROELECTRONICS-STTH3002CR Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002CT STMICROELECTRONICS-STTH3002CT Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002CW STMICROELECTRONICS-STTH3002CW Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
More results

Similar Description - STTH3002CPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH6002C STMICROELECTRONICS-STTH6002C_06 Datasheet
114Kb / 9P
   High efficiency ultrafast diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com