Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C3223EPWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65C3223EPWRG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C3223EPWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65C3223EPWRG4 Datasheet HTML 1Page - Texas Instruments SN65C3223EPWRG4 Datasheet HTML 2Page - Texas Instruments SN65C3223EPWRG4 Datasheet HTML 3Page - Texas Instruments SN65C3223EPWRG4 Datasheet HTML 4Page - Texas Instruments SN65C3223EPWRG4 Datasheet HTML 5Page - Texas Instruments SN65C3223EPWRG4 Datasheet HTML 6Page - Texas Instruments SN65C3223EPWRG4 Datasheet HTML 7Page - Texas Instruments SN65C3223EPWRG4 Datasheet HTML 8Page - Texas Instruments SN65C3223EPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
(1)
SN65C3223E
,, SN75C3223E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
WITH
±15-kV ESD PROTECTION
SLLS727A – MAY 2006 – REVISED JULY 2006
See Figure 6
MIN
NOM
MAX
UNIT
VCC = 3.3 V
3
3.3
3.6
Supply voltage
V
VCC = 5 V
4.5
5
5.5
VCC = 3.3 V
2
Driver and control
VIH
DIN, EN, FORCEOFF, FORCEON
V
high-level input voltage
VCC = 5 V
2.4
Driver and control
VIL
DIN, EN, FORCEOFF, FORCEON
0.8
V
low-level input voltage
Driver and control input voltage
DIN, EN, FORCEOFF, FORCEON
0
5.5
VI
V
Receiver input voltage
–25
25
SN75C3223E
0
70
TA
Operating free-air temperature
°C
SN65C3223E
–40
85
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
Input leakage
EN, FORCEOFF,
II
±0.01
±1
µA
current
FORCEON
VCC = 3.3 V or 5 V, TA = 25°C,
Auto-powerdown disabled
0.3
1
mA
No load, FORCEOFF and FORCEON at VCC
ICC
Supply current
Powered off
No load, FORCEOFF at GND
1
10
µA
No load, FORCEOFF at VCC, FORCEON at GND,
Auto-powerdown enabled
1
10
All RIN are open or grounded
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
4
Submit Documentation Feedback


Similar Part No. - SN65C3223EPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223EPWRG4 TI-SN65C3223EPWRG4 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
More results

Similar Description - SN65C3223EPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223E TI-SN65C3223E_07 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3238E TI-SN65C3238E Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
SN65C3238E TI-SN65C3238E_07 Datasheet
384Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com