Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIR9001 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DIR9001
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR9001 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DIR9001 Datasheet HTML 7Page - Texas Instruments DIR9001 Datasheet HTML 8Page - Texas Instruments DIR9001 Datasheet HTML 9Page - Texas Instruments DIR9001 Datasheet HTML 10Page - Texas Instruments DIR9001 Datasheet HTML 11Page - Texas Instruments DIR9001 Datasheet HTML 12Page - Texas Instruments DIR9001 Datasheet HTML 13Page - Texas Instruments DIR9001 Datasheet HTML 14Page - Texas Instruments DIR9001 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
Clock and Data Recovery
SCKO
BCKO
LRCKO
DOUT
RXIN
Divider
FILT
XTO
XTI
FSOUT0
FSOUT1
OSC
CLKST
VCO
CKSEL
DGND
ERROR
PLL
Divider
Decoder
Preamble
Detector
Charge
Pump
Clock
Decoder
Biphase
Data Decoder
Serial
AudioData
Formatter
ERROR
Detector
AudioData
MUTE Control
Sampling
Frequency
Calculator
Clock Transition Signal Out
DIR9001
SLES198 – DECEMBER 2006
Figure 5. Clock Source, Source Selector, and Data Path
The DIR9001 provides an output pulse that is synchronized with the PLL’s LOCK/UNLOCK status change.
The CLKST pin outputs the PLL status change between LOCK and UNLOCK. The CLKST output pulse depends
only on the status change of the PLL.
This clock change/transition signal is output through CLKST.
As this signal indicates a clock transition period due to a PLL status change, it can be used for muting or other
appropriate functions in an application.
A clock source selection caused by the CLKSEL pin does not affect the output of CLKST.
CLKST does change due to PLL status change even if CKSEL = H in the XTI source mode.
When DIR9001 is reset in the state where it is locked to the biphase input signal, the pulse signal of CLKST is
not output. That is, the priority of reset is higher than CLKST.
The relation among the lock-in/unlock process, the CLKST and ERROR outputs, the output clocks (SCKO,
BCKO, LRCKO), and data (DOUT) is shown in Figure 6.
11
Submit Documentation Feedback


Similar Part No. - DIR9001

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001IPWQ1 TI1-DIR9001IPWQ1 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001IPWRQ1 TI1-DIR9001IPWRQ1 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
More results

Similar Description - DIR9001

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
   96 KHZ DIGITAL AUDIO RECEIVER
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com