Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTL16622A Datasheet(PDF) 6 Page - Texas Instruments

Part # GTL16622A
Description  18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GTL16622A Datasheet(HTML) 6 Page - Texas Instruments

Back Button GTL16622A Datasheet HTML 2Page - Texas Instruments GTL16622A Datasheet HTML 3Page - Texas Instruments GTL16622A Datasheet HTML 4Page - Texas Instruments GTL16622A Datasheet HTML 5Page - Texas Instruments GTL16622A Datasheet HTML 6Page - Texas Instruments GTL16622A Datasheet HTML 7Page - Texas Instruments GTL16622A Datasheet HTML 8Page - Texas Instruments GTL16622A Datasheet HTML 9Page - Texas Instruments GTL16622A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
SN74GTL16622A
18-BIT LVTTL-TO-GTL/GTL+ BUS TRANSCEIVER
SCBS673F – AUGUST 1996 – REVISED APRIL 2005
over recommended ranges of supply voltage and operating free-air temperature for GTL (unless otherwise noted)
MIN
MAX
UNIT
fclock
Clock frequency
200
MHz
tw
Pulse duration, CLK high or low
2.5
ns
Data before CLK
2.1
tsu
Setup time
ns
CE before CLK
3.3
Data after CLK
0.3
th
Hold time
ns
CE after CLK
0
over recommended ranges of supply voltage and operating free-air temperature for GTL (see Figure 1)
FROM
TO
PARAMETER
MIN
TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
fmax
200
MHz
tPLH
2.5
5.5
CLKAB
B
ns
tPHL
2.2
5.5
tdis
1.7
4.8
OEAB
B
ns
ten
2.2
5.2
Slew rate
Both transitions (B port)
0.5
V/ns
tr
Transition time, B outputs (0.6 V to 1 V)
0.6
2.2
ns
tf
Transition time, B outputs (1 V to 0.6 V)
0.4
1.5
ns
tPLH
2.1
5.3
CLKBA
A
ns
tPHL
2.1
5
ten
1.7
5
OEBA
A
ns
tdis
2.3
5.5
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6


Similar Part No. - GTL16622A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
GTL16612DGG PHILIPS-GTL16612DGG Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
GTL16612DL PHILIPS-GTL16612DL Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
logo
Texas Instruments
GTL16616 TI-GTL16616 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results

Similar Description - GTL16622A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com