Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT10PK-20DB500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT10PK-20DB500
Description  10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT10PK-20DB500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT10PK-20DB500 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT10PK-20DB500 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT10PK-20DB500 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT10PK-20DB500 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
55 Cto
100 C
Load Life . . . . . . . . . . . . . .
70 C, 250 hours with rated load
∆A ) 0.5dB, ∆I ) 5%
Moisture and Load Life . . . . . . . . . . . . .
40 C, 90-95%RH
90 minutes on, 30 minutes off,
0.2 watt, 120 cycles
∆A ) 0.5dB, ∆I ) 5%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . .
55 C,
100 C,
30 minutes each, 5 cycles without load
∆A ) 0.5dB, ∆I ) 5%
Shock . . . . . . . . . . . . . 50G, 11ms, 6 directions, 3 times each
∆A ) 0.5dB, ∆I ) 5%
Vibration . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
3 directions, 2 hours each
∆A ) 0.5dB, ∆I ) 5%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆A ) 0.1dB, ∆I )1%
Seal Test . . . . . . . . . . . . . . . . .
85 C, hot water for 1 minute
Rotational Life . . . . . . . . . . . . . . . . . . 50 cycles without load
∆A )1dB, ∆I )10%
∆A = Attenuation Change at DC; ∆I = Impedance Change Ratio
AT10 Series
10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
TOCOS®
A TTENUA TORS
Features
10mm square, single-turn, through-hole, sealed attenuators
Cermet element
Top and side adjust styles available
Flush single-slot rotor adjustment
Optional 20mm or 30mm plastic shaft with knurled, slotted end style
50
Ω,75Ω or 600Ω nominal impedance
6.5dB, 12dB or 20dB nominal attenuation
3-pin triangular PCB patterns
Meets UL 94V-0 flammability requirements
Sealed to withstand immersion cleaning
Specifications
Electrical
Nominal Impedance . . . . . . . . . . . . . . . . . . 50
Ω,75Ω, 600Ω
Attenuation Range at DC
Power Rating . . . . . . . . 0.2 watt at
70 C, 0 watt at
100 C
Insulation Resistance . . . . . 100M
Ω minimum at 1,000VDC
Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 140
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 150
10
Shaft Torque . . . . . . . . 25 to 200 gf cm (0.35 to 2.77 oz in)
Stop Strength . . . . . . . . . . . . . 800 gf cm (11.09 oz in) max.
Flammability of Plastic Materials . . . . . . . Meets UL 94V-0
Nominal Weight . . . . . . . . . . . . . . . . . . . . . 1.4g (P); 1.7g (S)
1.7g (PK 20mm shaft length)
2.0g (PK 30mm shaft length)
Marking . . . . . . . . . . . Impedance, attenuation, dial locators,
terminal identification, date code
Nominal Attenuation
Attenuation Tolerance
Minimum Attenuation
6.5dB
0.7dB
0.4dB max.
12dB
1.1dB
0.6dB max.
20dB
1.5dB
1.2dB max.
AT10P
AT10S
AT10PK
102


Similar Part No. - AT10PK-20DB500

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
AT10PK-20DB500 TOCOS-AT10PK-20DB500 Datasheet
506Kb / 4P
   10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
More results

Similar Description - AT10PK-20DB500

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
AT10 TOCOS-AT10 Datasheet
506Kb / 4P
   10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
   12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
G43C TOCOS-G43C Datasheet
278Kb / 3P
   4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
   1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
   1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
   3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
   1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com