Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS7630-517 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SMS7630-517
Description  Surface Mount Mixer and Detector Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS7630-517 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SMS7630-517 Datasheet HTML 1Page - Skyworks Solutions Inc. SMS7630-517 Datasheet HTML 2Page - Skyworks Solutions Inc. SMS7630-517 Datasheet HTML 3Page - Skyworks Solutions Inc. SMS7630-517 Datasheet HTML 4Page - Skyworks Solutions Inc. SMS7630-517 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200041 Rev. C • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • February 15, 2005
1
Surface Mount Mixer and
Detector Schottky Diodes
DATA SHEET
Features
Designed for high-volume commercial applications
Available lead (Pb)-free MSL-1 @ 250 °C per JEDEC J-STD-020
Tight parameter distribution
Available as singles and pairs
Available in tape and reel packaging
Description
These low cost, surface mountable plastic packaged silicon mixer
Schottky diodes are designed for RF and microwave mixers and
detectors. They include low barrier diodes and zero bias detec-
tors, combining Skyworks advanced semiconductor technology
with low cost packaging techniques. All diodes are 100% DC
tested and deliver tight parameter distribution, minimizing perfor-
mance variability. They are available in SC-70, SC-79, SOD-323,
SOT-23, SOT-143, and LGA packages. Wiring configurations
include singles, common cathode, series pairs and unconnected
pairs. Applications include low noise receivers used in high sensi-
tivity ID tags, wireless systems, radio designs and may be used
at frequencies to 10 GHz. SPICE model parameters are included
as a design tool.
Characteristic
Value
Reverse voltage (VR)
Rated VB
Forward current - steady state (IF)
50 mA
Power dissipation (PD)
75 mW
Storage temperature (TST)
-65 °C to +150 °C
Operating temperature (TOP)
-65 °C to +150 °C
Junction temperature (TJ)
150 °C
Soldering temperature
260 °C for 5 seconds
Absolute Maximum Ratings
Skyworks offers lead (Pb)-free “environmentally
friendly” packaging that is RoHS compliant
(European Parliament for the Restriction of
Hazardous Substances).
NEW
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, Electrostatic Discharge (ESD) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.


Similar Part No. - SMS7630-517

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMS7630-040LF SKYWORKS-SMS7630-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SMS7630-040LF SKYWORKS-SMS7630-040LF Datasheet
318Kb / 7P
   SMS7630-040LF: 0402 Surface Mount Zero Bias Detector Schottky Diode
May 17, 2010
SMS7630-061 SKYWORKS-SMS7630-061 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SMS7630-061 SKYWORKS-SMS7630-061 Datasheet
778Kb / 7P
   Surface Mount, 0201 Zero Bias Silicon Schottky Detector Diode
SMS7630-061 SKYWORKS-SMS7630-061_15 Datasheet
778Kb / 7P
   Surface Mount, 0201 Zero Bias Silicon Schottky Detector Diode
More results

Similar Description - SMS7630-517

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMS7621 SKYWORKS-SMS7621 Datasheet
74Kb / 5P
   Surface Mount Mixer and Detector Schottky Diodes
logo
Alpha Industries
SMS1546 ALPHA-SMS1546 Datasheet
171Kb / 3P
   Surface Mount Mixer and Detector Schottky Diodes
logo
Skyworks Solutions Inc.
SMSA3923-011LF SKYWORKS-SMSA3923-011LF Datasheet
288Kb / 5P
   Surface Mount Mixer/Detector Schottky Diode
logo
Broadcom Corporation.
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com