Electronic Components Datasheet Search |
|
MB90F352TESPMC Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
MB90F352TESPMC Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 85 page MB90350E Series 11 • MASK ROM products/Evaluation products (Continued) Part Number Parameter MB90356E, MB90357E MB90356TE, MB90357TE MB90356ES, MB90357ES MB90356TES, MB90357TES MB90V340E- 103 MB90V340E- 104 CPU F2MC-16LX CPU System clock On-chip PLL clock multiplier ( ×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops) Minimum instruction execution time : 42 ns (oscillation clock 4 MHz, PLL × 6) ROM MASK ROM 64 Kbytes :MB90356E(S), MB90356TE(S) 128 Kbytes :MB90357E(S), MB90357TE(S) External RAM 4 Kbytes 30 Kbytes Emulator-specific power supply* ⎯ Yes Sub clock pin (X0A, X1A) Yes No (internal CR oscillation can be used as sub clock) No (internal CR oscillation can be used as sub clock) Yes Clock supervisor Yes Low voltage/CPU operation detection reset No Yes No Yes No Operating voltage range 3.5 V to 5.5 V : at normal operating (not using A/D converter) 4.0 V to 5.5 V : at using A/D converter 4.5 V to 5.5 V : at using external bus 5 V ± 10% Operating temperature range −40 °C to +125 °C ⎯ Package LQFP-64 PGA-299 UART 2 channels 5 channels Wide range of baud rate settings using a dedicated reload timer Special synchronous options for adapting to different synchronous serial protocols LIN functionality working either as master or slave LIN device I2C (400 kbps) 1 channel 2 channels A/D Converter 15 channels 24 channels 10-bit or 8-bit resolution Conversion time : Min 3 µs includes sample time (per one channel) 16-bit Reload Timer (4 channels) Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys = Machine clock frequency) Supports External Event Count function. 16-bit I/O Timer (2 channels) I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1. I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7. I/O Timer 0 corresponds to ICU 0/1/2/3, OCU 0/1/2/3. I/O Timer 1 corresponds to ICU 4/5/6/7, OCU 4/5/6/7. Signals an interrupt when overflowing. Supports Timer Clear when a match with Output Compare (Channel 0, 4) . Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27 (fsys = Machine clock frequency) |
Similar Part No. - MB90F352TESPMC |
|
Similar Description - MB90F352TESPMC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |