Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10ELT23ZC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SY10ELT23ZC
Description  DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SY10ELT23ZC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SY10ELT23ZC Datasheet HTML 1Page - List of Unclassifed Manufacturers SY10ELT23ZC Datasheet HTML 2Page - List of Unclassifed Manufacturers SY10ELT23ZC Datasheet HTML 3Page - List of Unclassifed Manufacturers SY10ELT23ZC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5-233
ClockWorks™
SY10ELT23
SY100ELT23
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max.
Unit
Condition
tPLH
Propagation Delay
2.5
3.5
2.5
3.5
2.5
3.5
2.5
3.5
ns
CL = 50pF
tPHL
D to Output Q
tskpp
Part-to-Part Skew(2,5)
0.5
0.5
0.5
0.5
ns
CL = 50pF
tskew++
Within-Device Skew(3,5)
0.3
0.3
0.3
0.3
ns
CL = 50pF
tskew– –
Within-Device Skew(4,5)
0.3
0.3
0.3
0.3
ns
CL = 50pF
tr
Output Rise/Fall Time
1.5
1.5
1.5
1.5
ns
CL = 50pF
tf
1.0V to 2.0V
fMAX
Maximum Input Frequency(5)
160
160
160
160
MHz
CL = 50pF
Symbol
Paramter
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
VI
PECL Input Voltage
0V to VCC+0.5
V
VO
Voltage Applied to
–0.5 to +5.5
V
Output at HIGH State
IO
Current Applied to
Twice the
mA
Output at LOW State
Rated IOL
Tstore
Storage Temperature
–65 to +150
°C
Tamb
Operating Temperature
–40 to +85
°C
NOTES:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max.
Unit
Condition
ICC
Power Supply Current
30
30
30
30
mA
ABSOLUTE MAXIMUM RATINGS(1)
TRUTH TABLE
DD
Q
LH
L
HL
H
Open
Open
L
DC ELECTRICAL CHARACTERISTICS(1)
VCC = VCC (Min.) to VCC (Max.)
AC ELECTRICAL CHARACTERISTICS(1)
VCC = VCC (Min.) to VCC (Max.)
NOTE:
1. Parametric values specified at:
5 volt Power Supply Range
100ELT23 Series:
+4.2V to +5.5V.
10ELT23 Series
+4.75V to +5.5V.
NOTES:
1. Parametric values specified at:
5 volt Power Supply Range
100ELT23 Series:
+4.2V to +5.5V.
10ELT23 Series
+4.75V to +5.5V.
2. Device-to-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
3. Within-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
4. Within-Device Skew considering LOW-to-LOW transitions at common VCC level.
5. All skew parameters are guaranteed but not tested.
SYNERGY
SEMICONDUCTOR


Similar Part No. - SY10ELT23ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT23ZC MICREL-SY10ELT23ZC Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23ZC MICREL-SY10ELT23ZC Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23ZC MICREL-SY10ELT23ZC Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23ZCTR MICREL-SY10ELT23ZCTR Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23ZCTR MICREL-SY10ELT23ZCTR Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results

Similar Description - SY10ELT23ZC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22 Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
81Kb / 3P
   Dual TTL to Differential PECL Translator
REV 3
logo
Micrel Semiconductor
SY10ELT23 MICREL-SY10ELT23 Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_03 Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com