Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F352TEPMC Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F352TEPMC
Description  16-bit Proprietary Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F352TEPMC Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F352TEPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 9Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 10Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 11Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 12Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 13Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
MB90350E Series
10
(Continued)
*1 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the Emulator hardware manual about details.
*2 : Embedded Algorithm is a trademark of Advanced Micro Devices Inc.
Part Number
Parameter
MB90F356E,
MB90F357E
MB90F356TE,
MB90F357TE
MB90F356ES,
MB90F357ES
MB90F356TES,
MB90F357TES
16-bit Input Capture
6 channels
Retains free-run timer value by (rising edge, falling edge or rising & falling edge), signals
an interrupt.
8/16-bit
Programmable Pulse
Generator
6 channels (16-bit)/10 channels (8-bit)
8-bit reload counters
× 12
8-bit reload registers for L pulse width
× 12
8-bit reload registers for H pulse width
× 12
Supports 8-bit and 16-bit operation modes.
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler
+ 8-bit reload counter.
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128
µs@fosc = 4 MHz
(fsys
= Machine clock frequency, fosc = Oscillation clock frequency)
CAN Interface
1 channel
Conforms to CAN Specification Version 2.0 Part A and B.
Automatic re-transmission in case of error
Automatic transmission responding to Remote Frame
Prioritized 16 message buffers for data and ID
Supports multiple messages.
Flexible configuration of acceptance filtering :
Full bit compare/Full bit mask/Two partial bit masks
Supports up to 1 Mbps.
External Interrupt
8 channels
Can be used rising edge, falling edge, starting up by H/L level input, external interrupt,
extended intelligent I/O services (EI2OS) and DMA.
D/A converter
I/O Ports
Virtually all external pins can be used as general purpose I/O port.
All push-pull outputs
Bit-wise settable as input/output or peripheral module signal
Settable as CMOS schmitt trigger/ automotive inputs
TTL input level settable for external bus (only for external bus pin)
Flash Memory
Supports automatic programming, Embedded AlgorithmTM*2
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of erase cycles : 10000 times
Data retention time : 10 years
Boot block configuration
Erase can be performed on each block.
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash (MB90F357x only)
Corresponding EVA
name
MB90V340E-104
MB90V340E-103


Similar Part No. - MB90F352TEPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F352TEPMC FUJITSU-MB90F352TEPMC Datasheet
2Mb / 92P
   16-bit Microcontrollers
logo
Cypress Semiconductor
MB90F352TEPMC CYPRESS-MB90F352TEPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
MB90F352TEPMC1 CYPRESS-MB90F352TEPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90F352TEPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com