Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F352TEPMC Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F352TEPMC
Description  16-bit Proprietary Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F352TEPMC Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F352TEPMC Datasheet HTML 1Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 2Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 3Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 4Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90F352TEPMC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
DS07-13744-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2006-2007 FUJITSU LIMITED All rights reserved
“Check Sheet” is seen at the following support page
URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
16-bit Proprietary Microcontrollers
CMOS
F2MC-16LX MB90350E Series
MB90F351E (S) , MB90F351TE (S) , MB90F352E (S) , MB90F352TE (S) , MB90351E (S) ,
MB90351TE (S) , MB90352E (S) , MB90352TE (S) , MB90F356E (S) , MB90F356TE (S) ,
MB90F357E (S) , MB90F357TE (S) , MB90356E (S) , MB90356TE (S) , MB90357E (S) ,
MB90357TE(S) , MB90V340E-101/102/103/104
■ DESCRIPTION
The MB90350E series, loaded 1 channel FULL-CAN* interface and Flash ROM, is general-purpose FUJITSU
16-bit microcontroller designing for automotive and industrial applications. Its main feature is the on-board CAN
interface, which conforms to CAN standard Version2.0 Part A and Part B, while supporting a very flexible message
buffer scheme and so offering more functions than a normal full CAN approach. With the new 0.35
µm CMOS
technology, Fujitsu now offers on-chip Flash ROM program memory up to 128 Kbytes.
The power supply (3 V) is supplied to the MCU core from an internal regulator circuit. This creates a major
advantage in terms of EMI and power consumption.
The PLL clock multiplication circuit provides an internal 42 ns instruction execution time from an external 4 MHz
clock. Also, the clock supervisor function can monitor main clock and sub clock independently.
As the peripheral resources, the unit features a 4-channel Output Compare Unit, 6-channel Input Capture Unit,
2 separate 16-bit free-run timers, 2-channel UART and 15-channel 8/10-bit A/D converter built-in.
* : Controller Area Network (CAN) - License of Robert Bosch GmbH
Note : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.


Similar Part No. - MB90F352TEPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F352TEPMC FUJITSU-MB90F352TEPMC Datasheet
2Mb / 92P
   16-bit Microcontrollers
logo
Cypress Semiconductor
MB90F352TEPMC CYPRESS-MB90F352TEPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
MB90F352TEPMC1 CYPRESS-MB90F352TEPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90F352TEPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com