Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D106XO010D2T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 595D106XO010D2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D106XO010D2T Datasheet(HTML) 1 Page - Vishay Siliconix

  595D106XO010D2T Datasheet HTML 1Page - Vishay Siliconix 595D106XO010D2T Datasheet HTML 2Page - Vishay Siliconix 595D106XO010D2T Datasheet HTML 3Page - Vishay Siliconix 595D106XO010D2T Datasheet HTML 4Page - Vishay Siliconix 595D106XO010D2T Datasheet HTML 5Page - Vishay Siliconix 595D106XO010D2T Datasheet HTML 6Page - Vishay Siliconix 595D106XO010D2T Datasheet HTML 7Page - Vishay Siliconix 595D106XO010D2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40007
78
Revision: 04-Sep-06
595D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated, Maximum CV
FEATURES
• Large capacitance rating range
• Terminations: Tin (2) standard
• 8 mm, 12 mm tape and reel packaging available
per EIA 481-1 and reeling per IEC 286-3. 7"
[178 mm] standard. 13" [330 mm] available.
• Case code compatibility with EIA 535BAAC and
CECC30801 molded chips
Capacitance Range: 0.1 µF to 1500 µF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 WVDC to 50 WVDC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Note: Refer to Doc. 40088
ORDERING INFORMATION
595D
106
X0
010
A
2
T
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
TERMINATION
PACKAGING
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
X0 = ± 20 %
X9 = ± 10 %
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an "R"
(6R3 = 6.3 volts).
See Ratings
and Case
Codes Table
2 = 100 % Tin
4 = Gold Plated
8 = Solder
Plated (60/40)
Special Order
T = Tape and Reel
7" [178 mm] Reel
W = 13" [330 mm] Reel
See Tape and Reel
Specifications.
DIMENSIONS in inches [millimeters]
CASE
CODE
L (Max.)
W
H
A
B
D (REF.)
J (MAX.)
T
0.087
[2.2]
0.045 ± 0.012
[1.1 ± 0.3]
0.045 ± 0.012
[1.1 ± 0.3]
0.016 ± 0.008
[0.4 ± 0.2]
0.042 ± 0.010
[1.07 ± 0.25]
0.063
[1.6]
0.004
[0.1]
S
0.126 ± 0.008
[3.2 ± 0.2]
0.067 ± 0.008
[1.7 ± 0.2]
0.051 ± 0.008
[1.3 ± 0.2]
0.031 ± 0.012
[0.80 ± 0.30]
0.078 ± 0.012
[2.0 ± 0.3]
0.086
[2.2]
0.004
[0.1]
A
0.146
[3.7]
0.072 ± 0.012
[1.8 ± 0.3]
0.056 ± 0.012
[1.4 ± 0.3]
0.031 ± 0.012
[0.80 ± 0.30]
0.085 ± 0.016
[2.2 ± 0.4]
0.115
[2.9]
0.004
[0.1]
B
0.158
[4.0]
0.110 + 0.012 - 0.016
[2.8 + 0.3 - 0.4]
0.075 + 0.012 - 0.024
[1.9 + 0.3 - 0.6]
0.031 ± 0.012
[0.80 ± 0.30]
0.097 ± 0.016
[2.5 ± 0.4]
0.138
[3.5]
0.004
[0.1]
C
0.281
[7.1]
0.126 ± 0.012
[3.2 ± 0.3]
0.098 ± 0.012
[2.5 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.6 ± 0.6]
0.236
[6.0]
0.004
[0.1]
G
0.205 ± 0.016
[5.2 ± 0.4]
0.144 ± 0.016
[3.65 ± 0.4]
0.087
[2.2] Max
0.051 ± 0.012
[1.3 ± 0.3]
0.133 ± 0.016
[3.4 ± 0.4]
0.173
[4.4]
0.004
[0.1]
H
0.205 ± 0.016
[5.2 ± 0.4]
0.181 ± 0.016
[4.6 ± 0.4]
0.078
[2.0] Max
0.051 ± 0.012
[1.3 ± 0.30]
0.133 ± 0.016
[3.4 ± 0.4]
0.173
[4.4]
0.004
[0.1]
D
0.293
[7.5]
0.170 ± 0.012
[4.3 ± 0.3]
0.110 ± 0.012
[2.8 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
M
0.129 ± 0.012
[3.3 ± 0.3]
0.106 ± 0.012
[2.7 ± 0.3]
0.067 ± 0.012
[1.7 ± 0.3]
0.031 ± 0.012
[0.80 ± 0.3]
0.078 ± 0.012
[2.0 ± 0.3]
0.095
[2.5]
0.004
[0.1]
R
0.283
[7.2]
0.235 ± 0.012
[6.0 ± 0.3]
0.136 ± 0.012
[3.5 ± 0.3]
0.051 ± 0.012
[1.3 ± .30]
0.180 ± 0.024
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
Note: The anode termination (D less B) will be a minimum of 0.010" (0.3 mm). T Case = 0.005" (0.13 mm) minimum.
Available
Pb-free
RoHS*
COMPLIANT
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
L
A
B
D
Max.
Ref.
W
J
J
H
Tantalum Wire
Nib Identifies
Anode (+)
Terminal
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 595D106XO010D2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D106X0010A2T VISHAY-595D106X0010A2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D106X0010A2T VISHAY-595D106X0010A2T Datasheet
135Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT
Revision: 08-Jan-13
595D106X0010A2T VISHAY-595D106X0010A2T Datasheet
523Kb / 13P
   Solid Tantalum Chip Capacitors
Revision: 16-Dec-05
logo
Texas Instruments
595D106X0010A2T TI1-595D106X0010A2T Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Vishay Siliconix
595D106X0010A2W VISHAY-595D106X0010A2W Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
More results

Similar Description - 595D106XO010D2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D227X0010D2T VISHAY-594D227X0010D2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com