Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16876 Datasheet(PDF) 7 Page - NEC

Part # UPD16876
Description  SINGLE Pch HIGH-SIDE SWITCH FOR USB
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16876 Datasheet(HTML) 7 Page - NEC

Back Button UPD16876 Datasheet HTML 3Page - NEC UPD16876 Datasheet HTML 4Page - NEC UPD16876 Datasheet HTML 5Page - NEC UPD16876 Datasheet HTML 6Page - NEC UPD16876 Datasheet HTML 7Page - NEC UPD16876 Datasheet HTML 8Page - NEC UPD16876 Datasheet HTML 9Page - NEC UPD16876 Datasheet HTML 10Page - NEC UPD16876 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet S14288EJ1V0DS
7
µµµµPD16876
Overcurrent Detection Delay Time/Minimum CTL High Time (LATCH = “H”)
ITH
tCTL
IOUT
VOUT
FLG
CTL
tSRISE
90%
10%
10%
tOVER
(Internal time)
FUNCTIONAL DESCRIPTION REFERENCE TABLE
Function
Characteristics
Reference Value
(TYP.)
Refer to:
Overcurrent detection
Threshold
0.9 A
p.8 1. Overcurrent detection
Overcurrent detection
delay time
20
µs
p.8 1. Overcurrent detection
p.11 On Detection of Overcurrent
Overcurrent detection
Slow-start repeat time
5 ms
p.11 On Detection of Overcurrent
VDD L
→H 2.5 V
Under voltage lockout
circuit (UVLO)
UVLO operating voltage
VDD H
→L 2.3 V
p.8 2. Under Voltage Lockout Circuit (UVLO)
Output rise time
tRISE
5 ms
Operation when power is
turned on/off
Output fall time
tFALL
1
µs
p.9 3. Behavior When Power Is Turned
ON/OFF
Thermal shutdown
circuit
Thermal shutdown circuit
operating temperature
150
°C or higher
p.12 When Thermal Shutdown Circuit Operates


Similar Part No. - UPD16876

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16876 RENESAS-UPD16876 Datasheet
279Kb / 22P
   MOS INTEGRATED CIRCUIT
2001
UPD16876G RENESAS-UPD16876G Datasheet
279Kb / 22P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD16876

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16874 RENESAS-PD16874_15 Datasheet
240Kb / 22P
   QUAD Pch HIGH-SIDE SWITCH FOR USB
logo
NEC
UPD16875 NEC-UPD16875 Datasheet
260Kb / 20P
   DUAL Pch HIGH-SIDE SWITCH FOR USB
logo
uPI Group Inc.
UP7550 UPI-UP7550 Datasheet
730Kb / 13P
   Power Multiplexer for USB High Side Switch
logo
Unisonic Technologies
US16855 UTC-US16855_17 Datasheet
251Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US236H UTC-US236H Datasheet
176Kb / 6P
   POWER MULTIPLEXER FOR USB HIGH SIDE SWITCH
logo
NEC
UPD16855A NEC-UPD16855A Datasheet
134Kb / 28P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
logo
Unisonic Technologies
US16855 UTC-US16855 Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855 UTC-US16855_15 Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
logo
Rohm
BD2221G ROHM-BD2221G Datasheet
155Kb / 5P
   USB High side switch IC
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
   USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com