Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F352ESPMC Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F352ESPMC
Description  16-bit Proprietary Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F352ESPMC Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F352ESPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 9Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 10Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 11Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 12Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 13Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 14Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
MB90350E Series
11
• MASK ROM products/Evaluation products
(Continued)
Part Number
Parameter
MB90356E,
MB90357E
MB90356TE,
MB90357TE
MB90356ES,
MB90357ES
MB90356TES,
MB90357TES
MB90V340E-
103
MB90V340E-
104
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (oscillation clock 4 MHz, PLL
× 6)
ROM
MASK ROM
64 Kbytes :MB90356E(S), MB90356TE(S)
128 Kbytes :MB90357E(S), MB90357TE(S)
External
RAM
4 Kbytes
30 Kbytes
Emulator-specific
power supply*
Yes
Sub clock pin
(X0A, X1A)
Yes
No
(internal CR oscillation can
be used as sub clock)
No
(internal CR
oscillation
can be used
as sub clock)
Yes
Clock supervisor
Yes
Low voltage/CPU
operation detection
reset
No
Yes
No
Yes
No
Operating
voltage range
3.5 V to 5.5 V : at normal operating (not using A/D converter)
4.0 V to 5.5 V : at using A/D converter
4.5 V to 5.5 V : at using external bus
5 V
± 10%
Operating
temperature range
−40 °C to +125 °C
Package
LQFP-64
PGA-299
UART
2 channels
5 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 kbps)
1 channel
2 channels
A/D Converter
15 channels
24 channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs includes sample time (per one channel)
16-bit Reload Timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function.
16-bit I/O Timer
(2 channels)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1.
I/O Timer 1 (clock input FRCK1) corresponds to
ICU 4/5/6/7, OCU 4/5/6/7.
I/O Timer 0 corresponds to
ICU 0/1/2/3, OCU 0/1/2/3.
I/O Timer 1 corresponds to
ICU 4/5/6/7, OCU 4/5/6/7.
Signals an interrupt when overflowing.
Supports Timer Clear when a match with Output Compare (Channel 0, 4) .
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock frequency)


Similar Part No. - MB90F352ESPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F352ESPMC FUJITSU-MB90F352ESPMC Datasheet
2Mb / 92P
   16-bit Microcontrollers
logo
Cypress Semiconductor
MB90F352ESPMC CYPRESS-MB90F352ESPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
MB90F352ESPMC1 CYPRESS-MB90F352ESPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90F352ESPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com