Electronic Components Datasheet Search |
|
MB90F356TEPMC Datasheet(PDF) 2 Page - Fujitsu Component Limited. |
|
MB90F356TEPMC Datasheet(HTML) 2 Page - Fujitsu Component Limited. |
2 / 85 page MB90350E Series 2 ■ FEATURES • Clock • Built-in PLL clock frequency multiplication circuit • Selection of machine clocks (PLL clocks) is allowed among frequency division by two on oscillation clock, and multiplication of 1 to 6 times of oscillation clock (for 4 MHz oscillation clock, 4 MHz to 24 MHz). • Operation by sub clock (up to 50 kHz : 100 kHz oscillation clock divided by two) is allowed (devices without S-suffix only) . • Minimum execution time of instruction : 42 ns (when operating with 4-MHz oscillation clock, and 6-time multiplied PLL clock). • Built-in clock modulation circuit • 16 Mbytes CPU memory space 24-bit internal addressing • Instruction system best suited to controller • Wide choice of data types (bit, byte, word, and long word) • Wide choice of addressing modes (23 types) • Enhanced multiply-divide instructions with sign and RETI instructions • Clock supervisor (MB90x356x and MB90x357x only) • Main clock or sub clock is monitored independently. • Internal CR oscillation clock (100 kHz typical) can be used as sub clock. • Enhanced high-precision computing with 32-bit accumulator • Instruction system compatible with high-level language (C language) and multitask • Employing system stack pointer • Enhanced various pointer indirect instructions • Barrel shift instructions • Increased processing speed 4-byte instruction queue • Powerful interrupt function • Powerful 8-level, 34-condition interrupt feature • Up to 8 channels external interrupts are supported. • Automatic data transfer function independent of CPU • Extended intelligent I/O service function (EI2OS) : up to 16 channels • DMA : up to 16 channels • Low power consumption (standby) mode • Sleep mode (a mode that stops CPU operating clock) • Main timer mode (a timebase timer mode switched from the main clock mode) • PLL timer mode (a timebase timer mode switched from the PLL clock mode) • Watch mode (a mode that operates sub clock and watch timer only) • Stop mode (a mode that stops oscillation clock and sub clock) • CPU intermittent operation mode • Process CMOS technology • I/O port • General-purpose input/output port (CMOS output) - 49 ports (devices without S-suffix : devices that correspond to sub clock) - 51 ports (devices with S-suffix : devices that do not correspond to sub clock) (Continued) |
Similar Part No. - MB90F356TEPMC |
|
Similar Description - MB90F356TEPMC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |