Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F356EPMC Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F356EPMC
Description  16-bit Proprietary Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F356EPMC Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F356EPMC Datasheet HTML 1Page - Fujitsu Component Limited. MB90F356EPMC Datasheet HTML 2Page - Fujitsu Component Limited. MB90F356EPMC Datasheet HTML 3Page - Fujitsu Component Limited. MB90F356EPMC Datasheet HTML 4Page - Fujitsu Component Limited. MB90F356EPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB90F356EPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB90F356EPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90F356EPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90F356EPMC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
MB90350E Series
5
■ PRODUCT LINEUP1 (Without Clock supervisor function)
•Flash memory products
(Continued)
Part Number
Parameter
MB90F351E,
MB90F352E
MB90F351TE,
MB90F352TE
MB90F351ES,
MB90F352ES
MB90F351TES,
MB90F352TES
Type
Flash memory products
CPU
F2MC-16LX CPU
System clock
PLL clock multiplication circuit (
×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (oscillation clock 4 MHz, PLL
× 6)
ROM
64 Kbytes Flash memory : MB90F351E(S), MB90F351TE(S)
128 Kbytes Dual operation Flash memory (Erase/write and read can be operated at the
same time) : MB90F352E(S), MB90F352TE(S)
RAM
4 Kbytes
Emulator-specific
power supply*1
Sub clock pin
(X0A, X1A)
(Max 100 kHz)
Yes
No
Clock supervisor
No
Low voltage/CPU
operation detection
reset
No
Yes
No
Yes
Operating voltage
3.5 V to 5.5 V : at normal operating (not using A/D converter)
4.0 V to 5.5 V : at using A/D converter/Flash programming
4.5 V to 5.5 V : at using external bus
Operating
temperature
−40 °C to +125 °C
Package
LQFP-64
UART
2 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 kbps)
1 channel
A/D converter
15 channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs includes sample time (per one channel)
16-bit reload timer
(2 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function.
16-bit I/O timer
(2 channels)
I/O Timer 0 (clock input FRCK0) corresponds to ICU0/1.
I/O Timer 1 (clock input FRCK1) corresponds to ICU4/5/6/7, OCU4/5/6/7.
Signals an interrupt when overflowing.
Supports Timer Clear when it matches Output Compare (ch.0, ch.4) .
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock frequency)
16-bit output
compare
4 channels
Signals an interrupt when 16-bit I/O Timer matches with output compare registers.
A pair of compare registers can be used to generate an output signal.


Similar Part No. - MB90F356EPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F356EPMC FUJITSU-MB90F356EPMC Datasheet
2Mb / 92P
   16-bit Microcontrollers
logo
Cypress Semiconductor
MB90F356EPMC CYPRESS-MB90F356EPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
MB90F356EPMC1 CYPRESS-MB90F356EPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90F356EPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com