Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D106XO010C2T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 595D106XO010C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D106XO010C2T Datasheet(HTML) 4 Page - Vishay Siliconix

  595D106XO010C2T Datasheet HTML 1Page - Vishay Siliconix 595D106XO010C2T Datasheet HTML 2Page - Vishay Siliconix 595D106XO010C2T Datasheet HTML 3Page - Vishay Siliconix 595D106XO010C2T Datasheet HTML 4Page - Vishay Siliconix 595D106XO010C2T Datasheet HTML 5Page - Vishay Siliconix 595D106XO010C2T Datasheet HTML 6Page - Vishay Siliconix 595D106XO010C2T Datasheet HTML 7Page - Vishay Siliconix 595D106XO010C2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Sep-06
81
595D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
Vishay Sprague
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(Ohms)
MAX. RIPPLE
100 kHz
Irms
(Amps)
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT + 125 °C, SURGE = 8 V
2.2
T
595D225X_010T2T
0.5
6
8.6
0.06
4.7
T
595D475X_010T2T
0.5
6
8.6
0.06
10
A
595D106X_010A2T
1.0
6
1.9
0.19
15
A
595D156X_010A2T
1.5
6
1.8
0.20
15
B
595D156X_010B2T
1.5
6
0.67
0.35
22
A
595D226X_010A2T
2.2
6
1.80
0.20
33
A
595D336X_010A2T
3.3
8
3.0
0.16
33
B
595D336X_010B2T
3.3
6
1.90
0.21
47
B
595D476X_010B2T
4.7
6
0.65
0.35
68
B
595D686X_010B2T
6.8
6
0.65
0.36
68
C
595D686X_010C2T
6.8
6
0.24
0.68
100
B
595D107X_010B2T
10.0
12
0.4
0.46
100
D
595D107X_010D2T
8.0
7
0.15
1.00
120
D
595D127X_010D2T
12.0
8
0.14
1.04
150
C
595D157X_010C2T
15.0
8
0.22
0.71
150
D
595D157X_010D2T
15.0
8
0.14
1.04
180
D
595D187X_010D2T
18.0
8
0.38
0.63
180
R
595D187X_010R2T
18.0
8
0.13
1.39
220
C
595D227X_010C2T
22.0
8
0.20
0.74
220
D
595D227X_010D2T
22.0
8
0.14
1.04
220
R
595D227X_010R2T
22.0
8
0.13
1.39
270
R
595D277X_010R2T
27.0
8
0.13
1.39
330
D
595D337X_010D2T
33.0
8
0.14
1.04
330
R
595D337X_010R2T
33.0
8
0.13
1.39
390
R
595D397X_010R2T
39.0
8
0.12
1.44
470
R
595D477X_010R2T
47.0
8
0.12
1.44
680
R
595D687X_010R2T
68.0
14
0.09
1.66
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
1.5
T
595D155X_016T2T
0.5
6
8.7
0.06
2.2
T
595D225X_016T2T
0.5
6
8.7
0.06
2.2
A
595D225X_010D2T
0.4
5
3.9
0.14
3.3
T
595D335X_016T2T
0.5
6
8.6
0.06
4.7
A
595D475X_016A2T
0.8
6
2.9
0.16
6.8
A
595D685X_016A2T
1.1
6
2.8
0.16
10
A
595D106X_016A2T
1.6
6
2.5
0.17
10
B
595D106X_016B2T
1.6
6
0.76
0.32
15
A
595D156X_016A2T
2.4
6
2.40
0.17
15
B
595D156X_016B2T
2.4
6
0.75
0.33
22
B
595D226X_016B2T
3.5
6
0.75
0.32
22
M
595D226X_016M2T
3.5
6
0.50
0.44
33
B
595D336X_016B2T
5.3
6
0.72
0.33
33
C
595D336X_016C2T
5.3
6
0.29
0.62
47
B
595D476X_016B2T
7.5
6
0.72
0.33
47
C
595D476X_016C2T
7.5
6
0.28
0.63
68
C
595D686X_016C2T
10.9
6
0.26
0.64
68
D
595D686X_016D2T
10.9
6
0.14
1.04
100
C
595D107X_016C2T
16.0
8
0.27
0.64
* Preliminary values, contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".


Similar Part No. - 595D106XO010C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D106X0010A2T VISHAY-595D106X0010A2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D106X0010A2T VISHAY-595D106X0010A2T Datasheet
135Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT
Revision: 08-Jan-13
595D106X0010A2T VISHAY-595D106X0010A2T Datasheet
523Kb / 13P
   Solid Tantalum Chip Capacitors
Revision: 16-Dec-05
logo
Texas Instruments
595D106X0010A2T TI1-595D106X0010A2T Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Vishay Siliconix
595D106X0010A2W VISHAY-595D106X0010A2W Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
More results

Similar Description - 595D106XO010C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D227X0010D2T VISHAY-594D227X0010D2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com