Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M37515M4-XXXHP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. M37515M4-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

 6 page
background image
6
M37515M4-XXXHP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 5 Memory map of special function register (SFR)
002016
002116
002216
002316
002416
002516
002616
002716
002816
002916
002A16
002B16
002C16
002D16
002E16
002F16
003016
003116
003216
003316
003416
003516
003616
003716
003816
003916
003A16
003B16
003C16
003D16
003E16
003F16
000016
000116
000216
000316
000416
000516
000616
000716
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
001016
001116
001216
001316
001416
001516
001616
001716
001816
001916
001A16
001B16
001C16
001D16
001E16
001F16
Port P0 (P0)
Port P0 direction register (P0D)
Port P1 (P1)
Port P1 direction register (P1D)
Port P2 (P2)
Port P2 direction register (P2D)
Port P3 (P3)
Port P3 direction register (P3D)
Port P4 (P4)
Port P4 direction register (P4D)
Transmit/Receive buffer register (TB/RB)
Serial I/O status register (SIOSTS)
Serial I/O control register (SIOCON)
UART control register (UARTCON)
Baud rate generator (BRG)
Interrupt control register 2 (ICON2)
A-D conversion low-order register (ADL)
Prescaler Y (PREY)
Timer Y (TY)
A-D control register (ADCON)
A-D conversion high-order register (ADH)
Interrupt edge selection register (INTEDGE)
CPU mode register (CPUM)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Prescaler 12 (PRE12)
Timer 2 (T2)
Prescaler X (PREX)
Timer X (TX)
Timer 1 (T1)
Timer XY mode register (TM)
I2C data shift register (S0)
I2C address register (S0D)
I2C status register (S1)
I2C control register (S1D)
I2C clock control register (S2)
I2C start/stop condition control register (S2D)
MISRG
Watchdog timer control register (WDTCON)
PWM control register (PWMCON)
PWM prescaler (PREPWM)
PWM register (PWM)
Timer count source selection register (TCSS)
Reserved V
Reserved V
Reserved V
V Reserved : Do not write “1” to this address.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
M37544SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M30622M6PSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
87C54CMOS single-chip 8-bit microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
LC5850CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVER 1 2 3 4 5 MoreSanyo Semicon Device
M30620MCNSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
GMS81504CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
P87LPC778CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM 8 kB OTP 1 2 3 4 5 MoreNXP Semiconductors
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TMP87PM29UCMOS 8-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl