Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37515M4-XXXHP Datasheet(PDF) 52 Page - Mitsubishi Electric Semiconductor

Part # M37515M4-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37515M4-XXXHP Datasheet(HTML) 52 Page - Mitsubishi Electric Semiconductor

Back Button M37515M4-XXXHP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
52
M37515M4-XXXHP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
LQFP48-P-77-0.50
0.18
Weight(g)
JEDEC Code
EIAJ Package Code
Lead Material
Alloy 42
48P6D-A
Plastic 48pin 7!7mm body LQFP
0.1
––
0.2
––
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.225
I2
1.0
MD
7.4
ME
7.4
10
°
0
°
0.1
1.0
0.7
0.5
0.3
9.2
9.0
8.8
9.2
9.0
8.8
0.5
7.1
7.0
6.9
7.1
7.0
6.9
0.175
0.125
0.105
0.28
0.18
0.13
1.4
0
1.7
e
e
1
48
37
24
25
36
12
13
HD
D
MD
A
F
b
L1
L
y
I2
Recommended Mount Pad
Detail F
PACKAGE OUTLINE


Similar Part No. - M37515M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37515M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com